Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF5402 Datasheet (PDF) - Vishay Siliconix

SF5402 Datasheet PDF - Vishay Siliconix
Part # SF5402
Download  SF5402 Download
File Size   120.86 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultra-Fast Avalanche Sinterglass Diode

SF5402 Datasheet (PDF)

Go To PDF Page Download Datasheet
SF5402 Datasheet PDF - Vishay Siliconix

Part # SF5402
Download  SF5402 Click to download

File Size   120.86 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultra-Fast Avalanche Sinterglass Diode

SF5402 Datasheet (HTML) - Vishay Siliconix




Similar Part No. - SF5402

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SF5402 VISHAY-SF5402 Datasheet
51Kb / 5P
Super Fast Soft Recovery Rectifier
24-Jun-98
logo
Vanlong Technology Co.,...
SF5402 VANLONG-SF5402 Datasheet
110Kb / 2P
345.00 MHz SAW Filter
logo
Gulf Semiconductor
SF5402 GULFSEMI-SF5402 Datasheet
102Kb / 2P
SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER VOLTAGE竊?0 to 1000V CURRENT: 3.0A
logo
Vishay Siliconix
SF5402 VISHAY-SF5402 Datasheet
120Kb / 5P
Ultra-Fast Avalanche Sinterglass Diode
19-Sep-12
logo
SUNMATE electronic Co.,...
SF5402 SUNMATE-SF5402 Datasheet
166Kb / 2P
3A Axial Leaded Super Fast Soft Recovery Rectifier
More results


Similar Description - SF5402

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYV26A VISHAY-BYV26A_10 Datasheet
114Kb / 4P
Ultra Fast Avalanche Sinterglass Diode
04-Aug-10
BYV27-600 VISHAY-BYV27-600 Datasheet
115Kb / 4P
Ultra Fast Avalanche Sinterglass Diode
04-Aug-10
BYV26E-TR VISHAY-BYV26E-TR Datasheet
121Kb / 4P
Ultra-Fast Avalanche Sinterglass Diode
04-Sep-12
BYV28-600-TR VISHAY-BYV28-600-TR Datasheet
111Kb / 4P
Ultra-Fast Avalanche Sinterglass Diode
04-Sep-12
logo
Digitron Semiconductors
BYV27-50 DIGITRON-BYV27-50 Datasheet
92Kb / 3P
ULTRA FAST AVALANCHE SINTERGLASS DIODE
logo
Vishay Siliconix
BYV26A VISHAY-BYV26A_15 Datasheet
127Kb / 5P
Ultra-Fast Avalanche Sinterglass Diode
04-Sep-12
BYV27-50 VISHAY-BYV27-50_15 Datasheet
129Kb / 5P
Ultra-Fast Avalanche Sinterglass Diode
04-Sep-12
logo
Nanjing International G...
BYV26E DGNJDZ-BYV26E Datasheet
175Kb / 2P
Ultra Fast Avalanche Sinterglass Diode
logo
Vishay Siliconix
BYV2850-50 VISHAY-BYV2850-50 Datasheet
125Kb / 4P
Ultra-Fast Avalanche Sinterglass Diode
21-Feb-18
BYV28-50 VISHAY-BYV28-50_V01 Datasheet
126Kb / 4P
Ultra-Fast Avalanche Sinterglass Diode
21-Feb-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com