Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2483 Datasheet (PDF) - Maxim Integrated Products

DS2483 Datasheet PDF - Maxim Integrated Products
Part # DS2483
Download  DS2483 Download
File Size   3190.01 Kbytes
Page   29 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single-Channel 1-Wire Master with Adjustable Timing and Sleep Mode

DS2483 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2483 Datasheet PDF - Maxim Integrated Products

Part # DS2483
Download  DS2483 Click to download

File Size   3190.01 Kbytes
Page   29 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single-Channel 1-Wire Master with Adjustable Timing and Sleep Mode

DS2483 Datasheet (HTML) - Maxim Integrated Products


DS2483 Product details

General Description
The DS2483 is an I2C-to-1-WireM bridge device that interfaces directly to standard (100kHz max) or fast (400kHz max) I2C masters to perform protocol con version between the I2C master and any downstream 1-Wire slave devices. Relative to any attached 1-Wire slave device, the DS2483 is a 1-Wire master. Internal, user-adjustable timers relieve the system host processor from generating time-critical 1-Wire waveforms, support ing both standard and overdrive 1-Wire communication speeds. In addition, the 1-Wire bus can be powered down under software control. The dual-voltage operation allows different operating voltages on the I2C and 1-Wire side. Strong pullup features support 1-Wire power deliv ery to 1-Wire devices such as EEPROMs and sensors. When not in use, the DS2483 can be put in sleep mode where power consumption is minimal.

Benefits and Features
● I2C Host Interface Supports 100kHz and 400kHz I2C Communication Speeds
● Standard and Overdrive 1-Wire Communication Speeds
● Adjustable 1-Wire Timing for tRSTL, tMSP, tW0L, and tREC0
● 1-Wire Port Can Be Powered Down Under Software Control
● Supports Power-Saving Sleep Mode (SLPZ Pin), Where the 1-Wire Port is in High Impedance
● I2C Operating Voltages: 1.8V ±5%, 3.3V ±10%, and
●.0V +5/-10%
● Built-In Level Translator: 1-Wire Operating Voltage from 3.3V -10% to 5.0V +5%, Independent of I2C Voltage
● Built-In ESD Protection Level of ±8kV Human Body Model (HBM) Contact Discharge on IO Pin
● -40NC to +85NC Operating Temperature Range
● 8-Pin TDFN and 6-Pin SOT23 Packages

Applications
Printers
Medical Instruments
Industrial Sensors
Cell Phones




Similar Part No. - DS2483

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2483 MAXIM-DS2483_V01 Datasheet
2Mb / 29P
Single-Channel 1-Wire Master with Adjustable Timing and Sleep Mode
19-6164; Rev 2; 2/13
More results


Similar Description - DS2483

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2482-100 DALLAS-DS2482-100 Datasheet
255Kb / 21P
Single-Channel 1-Wire Master
logo
Maxim Integrated Produc...
DS2482-100 MAXIM-DS2482-100 Datasheet
359Kb / 24P
Single-Channel 1-Wire Master
Rev 8; 11/09
DS2482-101 MAXIM-DS2482-101 Datasheet
354Kb / 24P
Single-Channel 1-Wire Master with Sleep Mode
Rev 2; 11/09
DS2482-100 MAXIM-DS2482-100_12 Datasheet
361Kb / 24P
Single-Channel 1-Wire Master
Rev 9; 1/12
DS2482-101 MAXIM-DS2482-101_12 Datasheet
424Kb / 24P
Single-Channel 1-Wire Master with Sleep Mode
Rev 4; 1/12
DS2482-100 MAXIM-DS2482-100_15 Datasheet
290Kb / 24P
Single-Channel 1-Wire Master
Rev 10; 1/15
DS2484 MAXIM-DS2484_15 Datasheet
1Mb / 29P
Single-Channel 1-Wire Master with Adjustable Timing and Sleep Mode
Rev 1; 7/15
DS2484 MAXIM-DS2484 Datasheet
1Mb / 29P
Single-Channel 1-Wire Master
Rev 1; 7/15
DS2483 MAXIM-DS2483_V01 Datasheet
2Mb / 29P
Single-Channel 1-Wire Master with Adjustable Timing and Sleep Mode
19-6164; Rev 2; 2/13
DS2482-101 MAXIM-DS2482-101_V01 Datasheet
312Kb / 24P
Single-Channel 1-Wire Master with Sleep Mode
19-4931; Rev 5; 1/15
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com