Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8969 Datasheet (PDF) - Maxim Integrated Products

MAX8969 Datasheet PDF - Maxim Integrated Products
Part # MAX8969
Download  MAX8969 Download
File Size   2288.24 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Step-Up Converter for Handheld Applications

MAX8969 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8969 Datasheet PDF - Maxim Integrated Products

Part # MAX8969
Download  MAX8969 Click to download

File Size   2288.24 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Step-Up Converter for Handheld Applications

MAX8969 Datasheet (HTML) - Maxim Integrated Products


MAX8969 Product details

General Description
The MAX8969 is a simple 1A step-up converter in a small package that operates in any single-cell Li-ion application. This IC provides protection features such as input undervoltage lockout, short circuit, and overtemperature shutdown.
The IC transitions to skip mode seamlessly under lightload conditions to improve efficiency. Under these conditions, switching occurs only as needed, reducing switching frequency and supply current to maintain high efficiency.

Benefits and Features
● Flexible System Integration
   • Up to 1A Output Current
   • 2.5V to 5.5V Input Voltage Range
   • 3.3V to 5.5V Output Voltage Options
● Integrated Protection Increases System Robustness
   • Undervoltage Lockout (UVLO)
   • Short-Circuit Protection
   • Overtemperature Shutdown
● High Efficiency and Low Quiescent Current Extends Battery Life
   • Over 90% Efficiency with Internal Synchronous Rectifier
   • 60µA IQ in Automatic Track Mode
   • 45µA IQ in Step-Up Mode
   • 30µA IQ in Track Mode
   • 1µA Shutdown Current
   • Skip Mode Under Light Load Condition Improves Efficiency
   • True Shutdown™ Prevents Current Flow from OUT_ to LX_
   • Soft-Start Limits Inrush Current to 480mA
● Small Package and High Frequency Operation Reduce Board Space
   • 9-Bump 1.25mm x 1.25mm WLP Package
   • 3MHz PWM Switching Frequency
   • Small External Components

Applications
● Cell Phones
● Smartphones
● Mobile Internet Devices
● GPS, PND
● eBooks




Similar Part No. - MAX8969

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8969 MAXIM-MAX8969 Datasheet
1Mb / 15P
Step-Up Converter for Handheld Applications
Rev 1; 5/12
MAX8969EWL33 MAXIM-MAX8969EWL33 Datasheet
2Mb / 15P
Step-Up Converter for Handheld Applications
Rev 1; 5/12
MAX8969EWL33+ MAXIM-MAX8969EWL33+ Datasheet
1Mb / 15P
Step-Up Converter for Handheld Applications
Rev 1; 5/12
MAX8969EWL33+ MAXIM-MAX8969EWL33+ Datasheet
1Mb / 18P
Step-Up Converter for Handheld Applications
2020
MAX8969EWL35 MAXIM-MAX8969EWL35 Datasheet
2Mb / 15P
Step-Up Converter for Handheld Applications
Rev 1; 5/12
More results


Similar Description - MAX8969

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
Step-Up Converter for White LED Applications
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
Step-Up Converter for White LED Applications
LM3502 NSC-LM3502 Datasheet
928Kb / 18P
Step-Up Converter for White LED Applications
LM3502 NSC-LM3502_06 Datasheet
924Kb / 18P
Step-Up Converter for White LED Applications
logo
Maxim Integrated Produc...
MAX8969 MAXIM-MAX8969_12 Datasheet
1Mb / 15P
Step-Up Converter for Handheld Applications
Rev 1; 5/12
logo
Texas Instruments
LM3502 TI1-LM3502 Datasheet
1Mb / 28P
Step-Up Converter for White LED Applications
logo
Maxim Integrated Produc...
MAX8969EWL33 MAXIM-MAX8969EWL33 Datasheet
2Mb / 15P
Step-Up Converter for Handheld Applications
Rev 1; 5/12
logo
Texas Instruments
LM3502 TI1-LM3502_15 Datasheet
1Mb / 28P
Step-Up Converter for White LED Applications
LM3557 TI1-LM3557 Datasheet
944Kb / 19P
Step-Up Converter for White LED Applications
logo
Maxim Integrated Produc...
MAX8969 MAXIM-MAX8969_V01 Datasheet
1Mb / 18P
Step-Up Converter for Handheld Applications
2020
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com