Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI4724CY-T1 Datasheet (PDF) - Vishay Siliconix

SI4724CY-T1 Datasheet PDF - Vishay Siliconix
Part # SI4724CY-T1
Download  SI4724CY-T1 Download
File Size   161.78 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel Synchronous MOSFETs With Break-Before-Make

SI4724CY-T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI4724CY-T1 Datasheet PDF - Vishay Siliconix

Part # SI4724CY-T1
Download  SI4724CY-T1 Click to download

File Size   161.78 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel Synchronous MOSFETs With Break-Before-Make

SI4724CY-T1 Datasheet (HTML) - Vishay Siliconix


SI4724CY-T1 Product details

DESCRIPTION
The Si4724CY N-Channel synchronous MOSFET with break-before-make (BBM) is a high speed driver designed to operate in high frequency DC/DC switchmode power supplies. It’s purpose is to simplify the use of N-Channel MOSFETs in high frequency buck regulators. This device is designed to be used with any single output PWM IC or ASIC to produce a highly efficient low cost synchronous rectifier converter. A synchronous enable pin (disable = low, enable = high) controls the synchronous function for light load conditions.
The Si4724CY is packaged in Vishay Siliconix’s high performance LITTLE FOOT® SO-16 package.

FEATURES
• 0 V to 30 V operation
• Driver impedance-3
• Undervoltage lockout
• Fast switching times
• 30 V MOSFETs
• High side: 0.0375 at VDD = 4.5 V
• Low side: 0.029 at VDD = 4.5 V
• Switching frequency: 250 kHz to 1 MHz
• Integrated schottky




Similar Part No. - SI4724CY-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4724CY VISHAY-SI4724CY Datasheet
70Kb / 8P
N-Channel Synchronous MOSFETs with Break-Before-Make
19-May-03
SI4724CY VISHAY-SI4724CY Datasheet
413Kb / 8P
N-Channel Synchronous MOSFETs
14-Mar-05
SI4724CY VISHAY-SI4724CY_05 Datasheet
413Kb / 8P
N-Channel Synchronous MOSFETs
14-Mar-05
More results


Similar Description - SI4724CY-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP41101 VISHAY-SIP41101 Datasheet
102Kb / 6P
Half-Bridge N-Channel MOSFET Driver With Break-Before-Make
11-Aug-03
SI4724CY VISHAY-SI4724CY Datasheet
70Kb / 8P
N-Channel Synchronous MOSFETs with Break-Before-Make
19-May-03
SI4726CY VISHAY-SI4726CY Datasheet
72Kb / 9P
N-Channel Synchronous MOSFETs with Break-Before-Make
03-Feb-03
SI4728CY VISHAY-SI4728CY Datasheet
77Kb / 9P
N-Channel Synchronous MOSFETs with Break-Before-Make
03-Feb-03
logo
Pasternack Enterprises,...
PE71S6128 PASTERNACK-PE71S6128 Datasheet
464Kb / 4P
Switching Sequence Break Before Make
PE71S6129 PASTERNACK-PE71S6129 Datasheet
462Kb / 4P
Switching Sequence Break Before Make
PE71S6130 PASTERNACK-PE71S6130 Datasheet
455Kb / 4P
Switching Sequence Break Before Make
PE71S6131 PASTERNACK-PE71S6131 Datasheet
432Kb / 4P
Switching Sequence Break Before Make
PE71S6132 PASTERNACK-PE71S6132 Datasheet
492Kb / 4P
Switching Sequence Break Before Make
logo
Vishay Siliconix
SI4724 VISHAY-SI4724_V01 Datasheet
176Kb / 11P
N-Channel Synchronous MOSFETs With Break-Before-Make
13-Jun-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com