Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB811 Datasheet (PDF) - Siemens Semiconductor Group

BB811 Datasheet PDF - Siemens Semiconductor Group
Part # BB811
Download  BB811 Download
File Size   26.3 Kbytes
Page   2 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Silicon Variable Capacitance Diode (Frequency range up to 2 GHz; special design for use in TV-sat indoor units)

BB811 Datasheet (PDF)

Go To PDF Page Download Datasheet
BB811 Datasheet PDF - Siemens Semiconductor Group

Part # BB811
Download  BB811 Click to download

File Size   26.3 Kbytes
Page   2 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Silicon Variable Capacitance Diode (Frequency range up to 2 GHz; special design for use in TV-sat indoor units)

BB811 Datasheet (HTML) - Siemens Semiconductor Group


BB811 Product details

● Frequency range up to 2 GHz; special design for use in TV-sat indoor units




Similar Part No. - BB811

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BB814 VISHAY-BB814 Datasheet
46Kb / 3P
Silicon Epitaxial Planar Dual Capacitance Diode
01-Apr-99
logo
Siemens Semiconductor G...
BB814 SIEMENS-BB814 Datasheet
43Kb / 3P
Silicon Variable Capacitance Diode (For FM radio tuners with extended frequency band High tuning ratio at low supply voltage (car radio)
logo
Infineon Technologies A...
BB814 INFINEON-BB814 Datasheet
408Kb / 3P
Silicon Variable Capacitance Diodes
Dec-04-2002
logo
Vishay Siliconix
BB814 VISHAY-BB814 Datasheet
171Kb / 4P
Dual Varicap Diode
15-Apr-05
logo
Infineon Technologies A...
BB814 INFINEON-BB814 Datasheet
61Kb / 5P
Silicon Variable Capacitance Diodes
2007-04-20
More results


Similar Description - BB811

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BB831 SIEMENS-BB831 Datasheet
63Kb / 3P
Silicon Variable Capacitance Diode (Frequency range up to 2 GHz special design for use in TV-sat indoor units)
BB833 SIEMENS-BB833 Datasheet
24Kb / 2P
Silicon Tuning Diode (Extented frequency range up to 2.5 GHz; special design for use in TV-SAT indoor units)
BB835 SIEMENS-BB835 Datasheet
24Kb / 2P
Silicon Tuning Diode (Extended frequency range up to 2.8 Ghz ; special design for use in TV-sat indoor units)
BB837 SIEMENS-BB837 Datasheet
43Kb / 3P
Silicon Tuning Diode (Extented frequency range up to 2.8 GHz special design for use in TV-sat indoor units)
BB857 SIEMENS-BB857 Datasheet
13Kb / 3P
Silicon Tuning Diode (For SAT-indoor-units High capacitance ratio Low series inductance)
logo
Hitachi Semiconductor
HVC308A HITACHI-HVC308A Datasheet
24Kb / 5P
Variable Capacitance Diode for TV tuner
HVU308A HITACHI-HVU308A Datasheet
26Kb / 5P
Variable Capacitance Diode for TV tuner
HVU363B HITACHI-HVU363B Datasheet
23Kb / 5P
Variable Capacitance Diode for TV tuner
logo
Leshan Radio Company
HVC363A LRC-HVC363A Datasheet
29Kb / 2P
Variable Capacitance Diode for TV Tuner
logo
Renesas Technology Corp
HVC308A RENESAS-HVC308A Datasheet
143Kb / 5P
Variable Capacitance Diode for TV tuner
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com