Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVPAD Datasheet (PDF) - Panasonic Semiconductor

EVPAD Datasheet PDF - Panasonic Semiconductor
Part # EVPAD
Download  EVPAD Download
File Size   72.68 Kbytes
Page   2 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 10 mm Square Center Space Long Travel SMD Light Touch Switches

EVPAD Datasheet (PDF)

Go To PDF Page Download Datasheet
EVPAD Datasheet PDF - Panasonic Semiconductor

Part # EVPAD
Download  EVPAD Click to download

File Size   72.68 Kbytes
Page   2 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 10 mm Square Center Space Long Travel SMD Light Touch Switches

EVPAD Datasheet (HTML) - Panasonic Semiconductor


EVPAD Product details

■ Features

● The open center space allows for flexibility in choosing a LED

Up to a 4.2-mm diameter chip LED can be mounted.

● Provides an excellent operational feel.

• Crisp tactile feedback

• Long stroke (1 mm)

● Supports auto reflow soldering.



■ Recommended Applications

● Control switches for automotive electronic equipment, such as car audio systems and heater control panels




Similar Part No. - EVPAD

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVPAA002K PANASONIC-EVPAA002K Datasheet
146Kb / 8P
LIGHT TOUCH SWITCH
EVPAA002K PANASONIC-EVPAA002K Datasheet
78Kb / 4P
3.5 mm2.9 mm SMD Light Touch Switches
EVPAA002K PANASONIC-EVPAA002K Datasheet
79Kb / 3P
External dimensions 3.5 mm2.9 mm, Height 1.7 mm
EVPAA102K PANASONIC-EVPAA102K Datasheet
78Kb / 4P
3.5 mm2.9 mm SMD Light Touch Switches
EVPAA102K PANASONIC-EVPAA102K Datasheet
79Kb / 3P
External dimensions 3.5 mm2.9 mm, Height 1.7 mm
More results


Similar Description - EVPAD

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQP0 PANASONIC-EVQP0 Datasheet
187Kb / 4P
6 mm Square Thin Type SMD Light Touch Switches
EVQPV PANASONIC-EVQPV Datasheet
106Kb / 2P
6 mm Square Long Travel 2R Light Touch Switches
EVQ-P1F05M PANASONIC-EVQ-P1F05M Datasheet
76Kb / 3P
6 mm Square Long Travel SMD Light Touch Switches
EVQ-P1905M PANASONIC-EVQ-P1905M Datasheet
77Kb / 3P
6 mm Square Long Travel SMD Light Touch Switches
EVQP0N02B PANASONIC-EVQP0N02B Datasheet
101Kb / 4P
6 mm Square Thin Type SMD Light Touch Switches Overstroke travel
EVQ-Q2U03W PANASONIC-EVQ-Q2U03W Datasheet
101Kb / 4P
6 mm Square Thin Type SMD Light Touch Switches
EVQ-Q2K02W PANASONIC-EVQ-Q2K02W Datasheet
101Kb / 4P
6 mm Square Thin Type SMD Light Touch Switches
EVQ-Q2S02W PANASONIC-EVQ-Q2S02W Datasheet
101Kb / 4P
6 mm Square Thin Type SMD Light Touch Switches
EVQ-QJJ05Q PANASONIC-EVQ-QJJ05Q Datasheet
70Kb / 2P
8 mm Square Long Travel 2R Light Touch Switches
EVPASCB1A PANASONIC-EVPASCB1A Datasheet
345Kb / 9P
6 mm Square Long Travel 2 terminals SMD Light Touch Switches
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com