Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVQP2002W Datasheet (PDF) - Panasonic Semiconductor

EVQP2002W Datasheet PDF - Panasonic Semiconductor
Part # EVQP2002W
Download  EVQP2002W Download
File Size   102.57 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 4.7 mm3.5 mm SMD Light Touch Switch es

EVQP2002W Datasheet (PDF)

Go To PDF Page Download Datasheet
EVQP2002W Datasheet PDF - Panasonic Semiconductor

Part # EVQP2002W
Download  EVQP2002W Click to download

File Size   102.57 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 4.7 mm3.5 mm SMD Light Touch Switch es

EVQP2002W Datasheet (HTML) - Panasonic Semiconductor


EVQP2002W Product details

■ Features
● External dimensions : 4.7 mm x 3.5 mm,
    Height : Middle Push Travel 2.5 mm
                  Short Push Travel 2.1 mm, 2.5 mm
● High operating force and long operational life
● High mountability with J-bent (4 terminals)

■ Recommended Applications
● Operation switches for portable electronic equipment
    (Mobile phones, Digital still cameras, Camcorders, Portable audio players, etc.)
● Keyless entry systems (automotive)
● Car audio equipment




Similar Part No. - EVQP2002W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQP2002W PANASONIC-EVQP2002W Datasheet
102Kb / 4P
Light Touch Switches/EVQP2/P9/3P2
EVQP2002W PANASONIC-EVQP2002W Datasheet
102Kb / 4P
4.7 mm3.5 mm SMD Light Touch Switch es
More results


Similar Description - EVQP2002W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQP2 PANASONIC-EVQP2 Datasheet
123Kb / 2P
4.7 X 3.5 mm Square Light Touch Switches
EVQP2 PANASONIC-EVQP2_08 Datasheet
179Kb / 4P
4.7 mm3.5 mm SMD Light Touch Switch es
EVQPE1 PANASONIC-EVQPE1 Datasheet
100Kb / 2P
6.0 mm3.5 mm SMD Light Touch Switch es
EVQPL PANASONIC-EVQPL Datasheet
89Kb / 3P
4.9 mm Square SMD Light Touch Switch es
EVQ-PLDA15 PANASONIC-EVQ-PLDA15 Datasheet
90Kb / 3P
4.9 mm Square SMD Light Touch Switch es
EVQ-PLHA15 PANASONIC-EVQ-PLHA15 Datasheet
90Kb / 3P
4.9 mm Square SMD Light Touch Switch es
EVP-AJAC1A PANASONIC-EVP-AJAC1A Datasheet
107Kb / 3P
4.7 mm3.5 mm Double-action Side-operational SMD Light Touch Switches
EVQ-PE104K PANASONIC-EVQ-PE104K Datasheet
67Kb / 2P
6.0 mm3.5 mm SMD Light Touch Switch es
EVQ-P2H02B PANASONIC-EVQ-P2H02B Datasheet
102Kb / 4P
4.7 mm3.5 mm SMD Light Touch Switch es
EVQ-P2T02W PANASONIC-EVQ-P2T02W Datasheet
102Kb / 4P
4.7 mm3.5 mm SMD Light Touch Switch es
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com