Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP2122 Datasheet (PDF) - Intersil Corporation

HIP2122 Datasheet PDF - Intersil Corporation
Part # HIP2122
Download  HIP2122 Download
File Size   521.13 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 100V, 2A Peak, High Frequency Half-Bridge Drivers with Rising Edge Delay Timer

HIP2122 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP2122 Datasheet PDF - Intersil Corporation

Part # HIP2122
Download  HIP2122 Click to download

File Size   521.13 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 100V, 2A Peak, High Frequency Half-Bridge Drivers with Rising Edge Delay Timer

HIP2122 Datasheet (HTML) - Intersil Corporation


HIP2122 Product details

100V, 2A Peak, High Frequency Half-Bridge Drivers with Rising Edge Delay Timer

The HIP2122 and HIP2123 are 100V, high frequency, half-bridge MOSFET driver ICs. They are based on the popular ISL2100A and ISL2101A half-bridge drivers. Like the ISL2100A, two logic inputs, LI and HI, control both bridge outputs, LO and HO. All logic inputs are VDD tolerant.

Features
• 9 Ld TDFN “B” Package Compliant with 100V Conductor Spacing Guidelines per IPC-2221
• Break-Before-Make Dead-Time Prevents Shoot-through and is adjustable up to 220ns
• Bootstrap Supply Max Voltage to 114VDC
• Wide Supply Voltage Range (8V to 14V)
• Supply Undervoltage Protection
• CMOS Compatible Input Thresholds with Hysteresis (HIP2122)
• 1.6Ω/1Ω Typical Output Pull-up/Pull-down Resistance
• On-Chip 1Ω Bootstrap Diode

Applications
• Telecom Half-Bridge DC/DC Converters
• UPS and Inverters
• Motor Drives
• Class-D Amplifiers
• Forward Converter with Active Clamp




Similar Part No. - HIP2122

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP2122 RENESAS-HIP2122 Datasheet
717Kb / 16P
100V, 2A Peak, High Frequency Half-Bridge Drivers with Rising Edge Delay Timer
HIP2122FRTAZ RENESAS-HIP2122FRTAZ Datasheet
717Kb / 16P
100V, 2A Peak, High Frequency Half-Bridge Drivers with Rising Edge Delay Timer
HIP2122FRTBZ RENESAS-HIP2122FRTBZ Datasheet
717Kb / 16P
100V, 2A Peak, High Frequency Half-Bridge Drivers with Rising Edge Delay Timer
More results


Similar Description - HIP2122

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL2100A INTERSIL-ISL2100A Datasheet
258Kb / 11P
100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
ISL89400 INTERSIL-ISL89400 Datasheet
249Kb / 11P
100V, 1.25A Peak, High Frequency Half-Bridge Drivers
ISL2100AAR3Z-T INTERSIL-ISL2100AAR3Z-T Datasheet
258Kb / 11P
100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
ISL2100AAR3Z INTERSIL-ISL2100AAR3Z Datasheet
255Kb / 11P
100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
ISL2110ABZ INTERSIL-ISL2110ABZ Datasheet
305Kb / 13P
100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
ISL89400AR3Z INTERSIL-ISL89400AR3Z Datasheet
250Kb / 11P
100V, 1.25A Peak, High Frequency Half-Bridge Drivers
August 11, 2009
logo
Renesas Technology Corp
HIP2122 RENESAS-HIP2122 Datasheet
717Kb / 16P
100V, 2A Peak, High Frequency Half-Bridge Drivers with Rising Edge Delay Timer
ISL2100A RENESAS-ISL2100A Datasheet
559Kb / 11P
100V, 2A Peak, High Frequency Half-Bridge Drivers
ISL2110 RENESAS-ISL2110 Datasheet
768Kb / 15P
100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
ISL89400 RENESAS-ISL89400 Datasheet
614Kb / 12P
100V, 1.25A Peak, High Frequency Half-Bridge Drivers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com