Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL95874 Datasheet (PDF) - Intersil Corporation

ISL95874 Datasheet PDF - Intersil Corporation
Part # ISL95874
Download  ISL95874 Download
File Size   854.88 Kbytes
Page   29 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator

ISL95874 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL95874 Datasheet PDF - Intersil Corporation

Part # ISL95874
Download  ISL95874 Click to download

File Size   854.88 Kbytes
Page   29 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator

ISL95874 Datasheet (HTML) - Intersil Corporation


ISL95874 Product details

The ISL95874, ISL95875, ISL95876 ICs are Single-Phase Synchronous-Buck PWM regulators featuring Intersil’s proprietary R4 Technology™. The wide 3.3V to 25V input voltage range is ideal for systems that run on battery or AC-adapter power sources. The ISL95875 and ISL95876 are low-cost solutions for applications requiring dynamically selected slew-rate controlled output voltages. The soft-start and dynamic setpoint slew-rates are capacitor programmed. Voltage identification logic-inputs select four (ISL95875, ISL95876) resistor-programmed setpoint reference voltages that directly set the output voltage of the converter between 0.5V and 1.5V, and up to 5V with a feedback voltage divider.

Features
• Input Voltage Range: 3.3V to 25V
• Output Voltage Range: 0.5V to 5V
• Precision Regulation
   - Proprietary R4™ Frequency Control Loop
   - ±0.5% System Accuracy Over -10°C to +100°C
• Optimal Transient Response
   - Intersil’s R4™ Modulator Technology
• Output Remote Sense
• Extremely Flexible Output Voltage Programmability
   - 2-Bit VID Selects Four Independent Setpoint Voltages for ISL95875 and ISL95876
   - Simple Resistor Programming of Setpoint Voltages
• Selectable 300kHz, 500kHz, 600kHz or 1MHz PWM Frequency in Continuous Conduction
• Automatic Diode Emulation Mode for Highest Efficiency
• Power-Good Monitor for Soft-Start and Fault Detection

Applications
• Mobile PC Graphical Processing Unit VCC Rail
• Mobile PC I/O Controller Hub (ICH) VCC Rail
• Mobile PC Memory Controller Hub (GMCH) VCC Rail




Similar Part No. - ISL95874

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL95874 RENESAS-ISL95874 Datasheet
1Mb / 29P
PWM DC/DC Controllers with VID Inputs for Portable GPU Core-Voltage Regulator
ISL95874HRUZ-T RENESAS-ISL95874HRUZ-T Datasheet
1Mb / 29P
PWM DC/DC Controllers with VID Inputs for Portable GPU Core-Voltage Regulator
ISL95874IRUZ-T RENESAS-ISL95874IRUZ-T Datasheet
1Mb / 29P
PWM DC/DC Controllers with VID Inputs for Portable GPU Core-Voltage Regulator
More results


Similar Description - ISL95874

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62871 INTERSIL-ISL62871 Datasheet
771Kb / 25P
PWM DC/DC Controller With VID Inputs For Portable GPU Core-Voltage Regulator
ISL95870 INTERSIL-ISL95870 Datasheet
633Kb / 29P
PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
December 22, 2009
ISL62875 INTERSIL-ISL62875 Datasheet
695Kb / 22P
PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
September 18, 2009
ISL62873 INTERSIL-ISL62873 Datasheet
534Kb / 17P
PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
June 30, 2009
logo
Altera Corporation
EC7100VQI ALTERA-EC7100VQI Datasheet
1,004Kb / 21P
PWM DC/DC Controller with VS Inputs for FPGA Power Regulator
logo
Renesas Technology Corp
ISL62871 RENESAS-ISL62871 Datasheet
1Mb / 25P
PWM DC/DC Controller With VID Inputs For Portable GPU Core-Voltage Regulator
ISL62873 RENESAS-ISL62873 Datasheet
919Kb / 17P
PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
ISL62875 RENESAS-ISL62875 Datasheet
1Mb / 22P
PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
ISL95870 RENESAS-ISL95870 Datasheet
1Mb / 28P
PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
ISL95874 RENESAS-ISL95874 Datasheet
1Mb / 29P
PWM DC/DC Controllers with VID Inputs for Portable GPU Core-Voltage Regulator
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com