Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UFB280FA40 Datasheet (PDF) - Vishay Siliconix

UFB280FA40 Datasheet PDF - Vishay Siliconix
Part # UFB280FA40
Download  UFB280FA40 Download
File Size   141.69 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Insulated Ultrafast Rectifier Module, 280 A

UFB280FA40 Datasheet (PDF)

Go To PDF Page Download Datasheet
UFB280FA40 Datasheet PDF - Vishay Siliconix

Part # UFB280FA40
Download  UFB280FA40 Click to download

File Size   141.69 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Insulated Ultrafast Rectifier Module, 280 A

UFB280FA40 Datasheet (HTML) - Vishay Siliconix




Similar Part No. - UFB280FA40

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
UFB280FA40 ISC-UFB280FA40 Datasheet
549Kb / 3P
Ultrafast Rectifier Module
More results


Similar Description - UFB280FA40

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UFB60FA40P VISHAY-UFB60FA40P Datasheet
115Kb / 7P
Insulated Ultrafast Rectifier Module, 60 A
07-May-08
UFL200FA60P VISHAY-UFL200FA60P Datasheet
156Kb / 8P
Insulated Ultrafast Rectifier Module, 200 A
21-Jul-10
VS-UFB280FA40 VISHAY-VS-UFB280FA40 Datasheet
266Kb / 8P
Insulated Ultrafast Rectifier Module, 280 A
31-May-16
VS-UFH280FA30 VISHAY-VS-UFH280FA30 Datasheet
165Kb / 7P
Insulated Hyperfast Rectifier Module, 280 A
18-Sep-2018
VS-UFB280FA20 VISHAY-VS-UFB280FA20_V01 Datasheet
159Kb / 8P
Insulated Ultrafast Rectifier Module, 280 A
10-Sep-2019
VS-UFB280FA40 VISHAY-VS-UFB280FA40_V01 Datasheet
171Kb / 8P
Insulated Ultrafast Rectifier Module, 280 A
18-Sep-2018
VS-UFH280FA30 VISHAY-VS-UFH280FA30_V01 Datasheet
165Kb / 7P
Insulated Hyperfast Rectifier Module, 280 A
18-Sep-2018
VS-UFB280FA20 VISHAY-VS-UFB280FA20_V02 Datasheet
158Kb / 8P
Insulated Ultrafast Rectifier Module, 280 A
10-Sep-2019
VS-UFB280FA40 VISHAY-VS-UFB280FA40_V02 Datasheet
170Kb / 8P
Insulated Ultrafast Rectifier Module, 280 A
18-Sep-2018
VS-UFH280FA30 VISHAY-VS-UFH280FA30_V02 Datasheet
165Kb / 7P
Insulated Hyperfast Rectifier Module, 280 A
18-Sep-2018
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com