Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT3080C Datasheet (PDF) - Vishay Siliconix

VT3080C Datasheet PDF - Vishay Siliconix
Part # VT3080C
Download  VT3080C Download
File Size   131.1 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Trench MOS Barrier Schottky Rectifier

VT3080C Datasheet (PDF)

Go To PDF Page Download Datasheet
VT3080C Datasheet PDF - Vishay Siliconix

Part # VT3080C
Download  VT3080C Click to download

File Size   131.1 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Trench MOS Barrier Schottky Rectifier

VT3080C Datasheet (HTML) - Vishay Siliconix


VT3080C Product details

FEATURES
• Trench MOS Schottky technology
• Low forward voltage drop, low power losses
• High efficiency operation
• Solder bath temperature 275 °C max. 10 s, per JESD 22-B106
• AEC-Q101 qualified
• Compliant to RoHS Directive 2002/95/EC and in accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21 definition

TYPICAL APPLICATIONS
    For use in high frequency DC/DC converters, switching power supplies, freewheeling diodes, OR-ing diode, and reserve battery protection.




Similar Part No. - VT3080C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VT3080C VISHAY-VT3080C Datasheet
148Kb / 5P
Dual Trench MOS Barrier Schottky Rectifier
08-Sep-09
VT3080C-E3 VISHAY-VT3080C-E3 Datasheet
166Kb / 5P
Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.46 V at IF = 5 A
25-Oct-13
VT3080C-E3 VISHAY-VT3080C-E3 Datasheet
207Kb / 6P
Dual Trench MOS Barrier Schottky Rectifier
16-Mar-18
VT3080C-E3/4W VISHAY-VT3080C-E3/4W Datasheet
148Kb / 5P
Dual Trench MOS Barrier Schottky Rectifier
08-Sep-09
VT3080C-E3 VISHAY-VT3080C-E3_15 Datasheet
155Kb / 5P
Dual Trench MOS Barrier Schottky Rectifier
22-Dec-14
More results


Similar Description - VT3080C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBT4060C VISHAY-VBT4060C Datasheet
81Kb / 4P
Dual Trench MOS Barrier Schottky Rectifier
07-Dec-10
VFT4060C VISHAY-VFT4060C Datasheet
79Kb / 4P
Dual Trench MOS Barrier Schottky Rectifier
07-Dec-10
V20WM100C-M3 VISHAY-V20WM100C-M3 Datasheet
121Kb / 5P
Dual Trench MOS Barrier Schottky Rectifier
04-Dec-13
V15W60C-M3 VISHAY-V15W60C-M3 Datasheet
123Kb / 5P
Dual Trench MOS Barrier Schottky Rectifier
04-Dec-13
V12W60C-M3 VISHAY-V12W60C-M3 Datasheet
123Kb / 5P
Dual Trench MOS Barrier Schottky Rectifier
04-Dec-13
V30D60C VISHAY-V30D60C Datasheet
123Kb / 6P
Dual Trench MOS Barrier Schottky Rectifier
09-Dec-13
VT3080C VISHAY-VT3080C_15 Datasheet
166Kb / 5P
Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.46 V at IF = 5 A
25-Oct-13
V30DL50C-M3 VISHAY-V30DL50C-M3 Datasheet
128Kb / 6P
Dual Trench MOS Barrier Schottky Rectifier
13-Dec-13
logo
Unisonic Technologies
TGBR30L45C UTC-TGBR30L45C Datasheet
153Kb / 3P
DUAL TRENCH MOS SCHOTTKY BARRIER RECTIFIER
TGBR30U100C UTC-TGBR30U100C Datasheet
132Kb / 3P
DUAL TRENCH MOS SCHOTTKY BARRIER RECTIFIER
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com