Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL1100 Datasheet (PDF) - E-SWITCH

TL1100 Datasheet PDF - E-SWITCH
Part # TL1100_1
Download  TL1100 Download
File Size   286.4 Kbytes
Page   3 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description TACT SWITCHES - 12mm x 12mm

TL1100 Datasheet (PDF)

Go To PDF Page Download Datasheet
TL1100 Datasheet PDF - E-SWITCH

Part # TL1100_1
Download  TL1100 Click to download

File Size   286.4 Kbytes
Page   3 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description TACT SWITCHES - 12mm x 12mm

TL1100 Datasheet (HTML) - E-SWITCH




Similar Part No. - TL1100_1

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL1100F160Q E-SWITCH-TL1100F160Q Datasheet
1Mb / 3P
TACT SWITCHES - 12mm x 12mm
TL1100F160QGRY E-SWITCH-TL1100F160QGRY Datasheet
229Kb / 3P
TACT SWITCHES
TL1100F160QTAK E-SWITCH-TL1100F160QTAK Datasheet
229Kb / 3P
TACT SWITCHES
TL1100F160RGRY E-SWITCH-TL1100F160RGRY Datasheet
229Kb / 3P
TACT SWITCHES
TL1100F160RTAK E-SWITCH-TL1100F160RTAK Datasheet
229Kb / 3P
TACT SWITCHES
More results


Similar Description - TL1100_1

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
MP43050 EUROQUARTZ-MP43050 Datasheet
115Kb / 1P
12mm x 4.5mm SMD
logo
LUMEX INC.
SML-LX4747MWC-TR10 LUMEX-SML-LX4747MWC-TR10 Datasheet
355Kb / 4P
12mm x 12mm SURFACE MOUNT LED, WARM WHITE
SML-LX4747UWC-TR10 LUMEX-SML-LX4747UWC-TR10 Datasheet
356Kb / 4P
12mm x 12mm SURFACE MOUNT LED, COOL WHITE
SML-LX4747MWCATR10 LUMEX-SML-LX4747MWCATR10 Datasheet
374Kb / 4P
12mm x 12mm SRFACE MOUNT LED. WARM WHITE
SML-LX4747NWCATR10 LUMEX-SML-LX4747NWCATR10 Datasheet
379Kb / 4P
12mm x 12mm SURFACE MOUNT LED, NEuTRAL WHITE
SML-LX4747NWC-TR10 LUMEX-SML-LX4747NWC-TR10 Datasheet
355Kb / 4P
12mm x 12mm SURFACE MOUNT LED, NEUTRAL WHITE
SML-LX4747UWCATR10 LUMEX-SML-LX4747UWCATR10 Datasheet
379Kb / 4P
12mm x 12mm SURFACE MOUNT LED, COOL WHITE
logo
List of Unclassifed Man...
SWLP2450124B02 ETC2-SWLP2450124B02 Datasheet
1Mb / 13P
12mm*12mm*4mm 2.4GHz SMD Patch Antenna
logo
ALPS ELECTRIC CO.,LTD.
SK2AA00540 ALPS-SK2AA00540 Datasheet
507Kb / 5P
TACT SwitchTM 12mm Square (Snap-in Type)
SKHCAAA010 ALPS-SKHCAAA010 Datasheet
144Kb / 5P
TACT SwitchTM 12×12mm (Snap-in)Type
More results




About E-SWITCH


E-Switch is a company that specializes in the design, development, and manufacturing of electromechanical switches. They offer a wide range of switch products including rocker, toggle, pushbutton, slide, rotary, snap action, tact, and keylock switches. These switches are used in a variety of applications such as medical equipment, consumer electronics, telecommunications, and industrial machinery.

E-Switch is known for their innovative designs, high-quality products, and excellent customer service. They have a global presence and serve customers in over 50 countries. In addition to their standard product offerings, E-Switch also provides custom switch solutions to meet specific customer needs.

Overall, E-Switch is a trusted and reliable provider of electromechanical switches, with a strong reputation for quality and customer satisfaction.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com