Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5747A Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

1N5747A Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 1N5747A
Download  1N5747A Download
File Size   320.06 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description ELECTRICAL CHARACTERISTICS

1N5747A Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5747A Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 1N5747A
Download  1N5747A Click to download

File Size   320.06 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description ELECTRICAL CHARACTERISTICS

1N5747A Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


1N5747A Product details

ELECTRICAL CHARACTERISTICS

*JEDEC Registered Data. The Type Number indicates 5% Tolerance (See Note 1.)




Similar Part No. - 1N5747A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5747 MICROSEMI-1N5747 Datasheet
53Kb / 2P
SILICON 400MW ZENER DIODES
1N5747B MICROSEMI-1N5747B Datasheet
53Kb / 2P
SILICON 400 mW ZENER DIODES
1N5747B MICROSEMI-1N5747B Datasheet
53Kb / 2P
SILICON 400MW ZENER DIODES
logo
New Jersey Semi-Conduct...
1N5747B NJSEMI-1N5747B Datasheet
68Kb / 1P
ZENER VOLTAGE 4.7 TO 75V
logo
Microsemi Corporation
1N5747B MICROSEMI-1N5747B Datasheet
319Kb / 3P
Axial-Leaded 500 mW Zener Diodes
11-03-2003 REV A
More results


Similar Description - 1N5747A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N4961 NJSEMI-1N4961 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4963 NJSEMI-1N4963 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4965 NJSEMI-1N4965 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4979 NJSEMI-1N4979 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4982 NJSEMI-1N4982 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4984 NJSEMI-1N4984 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4993 NJSEMI-1N4993 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4995 NJSEMI-1N4995 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N5555_1202 NJSEMI-1N5555_1202 Datasheet
292Kb / 1P
ELECTRICAL CHARACTERISTICS
logo
Cooper Bussmann, Inc.
170M1422 COOPER-170M1422 Datasheet
46Kb / 2P
Electrical Characteristics
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com