Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC412 Datasheet (PDF) - MPS Industries, Inc.

ADC412 Datasheet PDF - MPS Industries, Inc.
Part # ADC412
Download  ADC412 Download
File Size   171.91 Kbytes
Page   2 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description 1W, Ultra-High Isolation SIP, Single & Dual Output DC/DC Converters

ADC412 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC412 Datasheet PDF - MPS Industries, Inc.

Part # ADC412
Download  ADC412 Click to download

File Size   171.91 Kbytes
Page   2 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description 1W, Ultra-High Isolation SIP, Single & Dual Output DC/DC Converters

ADC412 Datasheet (HTML) - MPS Industries, Inc.


ADC412 Product details

1W, Ultra-High Isolation SIP, Single & Dual Output DC/DC Converters

MPS Industries ADC400 1W DC/DCs are specially designed to provide ultra-high levels of isolation 6000VDC in a miniature SIP package.
The series consists of 12 models with input voltages of 5V and 12VDC which offers standard output voltages of 5V, 12V, 15VDC in both single and dual output configurations.
The ADC400 series is an excellent selection for a variety of applications including distributed power systems, mixed analog/digital subsystems, portable test equipments, local power networks and battery backed systems.

Key Features
• Efficiency up to 75%
• 6000VDC Isolation
• MTBF > 2,000,000 Hours
• Internal SMD Construction
• Industry Standard Pin-out
• Input 5 and 12VDC
• Output 5, 12, 15, ±5, ±12 and ±15VDC
• Temperature Performance -25°C to +70°C
• UL 94V-0 Package Material
• Low Cost




Similar Part No. - ADC412

ManufacturerPart #DatasheetDescription
logo
Analog Power
ADC4D10120A ANALOGPOWER-ADC4D10120A Datasheet
234Kb / 5P
1200-V Direct WBG Diode
ADC4D10120D ANALOGPOWER-ADC4D10120D Datasheet
319Kb / 5P
1200-V Direct WBG Diode
ADC4D10120E ANALOGPOWER-ADC4D10120E Datasheet
310Kb / 3P
1200-V Direct WGB Diode
ADC4D10120H ANALOGPOWER-ADC4D10120H Datasheet
234Kb / 5P
1200-V Direct WBG Diode
ADC4D20120H ANALOGPOWER-ADC4D20120H Datasheet
233Kb / 5P
1200-V Direct WBG Diode
More results


Similar Description - ADC412

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MAU400 TOTAL-POWER-MAU400 Datasheet
338Kb / 6P
1W, Ultra High Isolation SIP SINGLE AND DUAL OUTPUT DC/DC Converters
logo
Minmax Technology Co., ...
MAU200 MINMAX-MAU200 Datasheet
217Kb / 6P
1W, High Isolation SIP, Single & Dual Output DC/DC Converters
MFU100 MINMAX-MFU100 Datasheet
156Kb / 6P
1W, Ultra-Miniature, High Isolation, Single Output DC/DC Converters
logo
MicroPower Direct, LLC
D100 MPD-D100 Datasheet
200Kb / 2P
Single & Dual Output Miniature, 1W SIP DC/DC Converters
D100VHI MPD-D100VHI Datasheet
193Kb / 2P
Miniature, 1W SIP Ultra-High Isolation DC/DC Converters
DM100E MPD-DM100E Datasheet
217Kb / 2P
UltraMiniature, 1W SIP Single & Dual Output DC/DC Converters
logo
MPS Industries, Inc.
ADC100 MPSIND-ADC100 Datasheet
172Kb / 2P
1W, Miniature SIP, Single & Dual Output DC/DC Converters
ADC200 MPSIND-ADC200 Datasheet
174Kb / 2P
1W, High Isolation SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
E100EI MPD-E100EI Datasheet
266Kb / 2P
1W, High Isolation Ultra-Miniature SIP DC/DC Converters
MHI100DI5.7 MPD-MHI100DI5.7 Datasheet
662Kb / 3P
High Isolation, 1W SIP Single & Dual Output DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com