Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC125 Datasheet (PDF) - MPS Industries, Inc.

ADC125 Datasheet PDF - MPS Industries, Inc.
Part # ADC125
Download  ADC125 Download
File Size   172.92 Kbytes
Page   2 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description 1W, Miniature SIP, Single & Dual Output DC/DC Converters

ADC125 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC125 Datasheet PDF - MPS Industries, Inc.

Part # ADC125
Download  ADC125 Click to download

File Size   172.92 Kbytes
Page   2 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description 1W, Miniature SIP, Single & Dual Output DC/DC Converters

ADC125 Datasheet (HTML) - MPS Industries, Inc.


ADC125 Product details

1W, Miniature SIP, Single & Dual Output DC/DC Converters

MPS Industries ADC100 1W DC/DCs are specially designed to provide the optimum cost/ benefit power solution in a miniature SIP package.
The series consists of 33 models with input voltages of 5V, 12V, 15V and 24VDC which offers standard output voltages of 3.3V, 5V, 9V, 12V, 15V, ±5V, ±9V, ±12V and ±15VDC for a wide choice.

Key Features
• Efficiency up to 81%
• 1000VDC Isolation
• MTBF > 2,000,000 Hours
• Low Cost
• Input 5, 12, 15 and 24VDC
• Output 3.3, 5, 9, 12, 15, ±5, ±9, ±12 and ±15VDC
• Temperature Performance -40°C to +85°C
• UL 94V-0 Package Material
• Internal SMD Construction
• Industry Standard Pinout




Similar Part No. - ADC125

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC1251 NSC-ADC1251 Datasheet
301Kb / 16P
Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
ADC1251BIJ NSC-ADC1251BIJ Datasheet
301Kb / 16P
Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
ADC1251CIJ NSC-ADC1251CIJ Datasheet
301Kb / 16P
Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
ADC1251CMJ NSC-ADC1251CMJ Datasheet
301Kb / 16P
Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
ADC1251CMJ/883 NSC-ADC1251CMJ/883 Datasheet
301Kb / 16P
Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
More results


Similar Description - ADC125

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D221 ETC1-D221 Datasheet
91Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100 Datasheet
217Kb / 6P
1W, Miniature SIP, Single & Dual Output DC/DC Converters
MAU200 MINMAX-MAU200 Datasheet
217Kb / 6P
1W, High Isolation SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D100 MPD-D100 Datasheet
200Kb / 2P
Single & Dual Output Miniature, 1W SIP DC/DC Converters
D100E MPD-D100E Datasheet
183Kb / 2P
Low Cost, 1W SIP Single & Dual Output DC/DC Converters
D200 MPD-D200 Datasheet
219Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
DM100E MPD-DM100E Datasheet
217Kb / 2P
UltraMiniature, 1W SIP Single & Dual Output DC/DC Converters
E100 MPD-E100 Datasheet
160Kb / 2P
Isolated, Single Output Miniature, 1W SIP DC/DC Converters
logo
MPS Industries, Inc.
ADC200 MPSIND-ADC200 Datasheet
174Kb / 2P
1W, High Isolation SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MHI100DI5.7 MPD-MHI100DI5.7 Datasheet
662Kb / 3P
High Isolation, 1W SIP Single & Dual Output DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com