Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q16BVSSIP Datasheet (PDF) - Winbond

W25Q16BVSSIP Datasheet PDF - Winbond
Part # W25Q16BVSSIP
Download  W25Q16BVSSIP Download
File Size   2067.87 Kbytes
Page   68 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI

W25Q16BVSSIP Datasheet (PDF)

Go To PDF Page Download Datasheet
W25Q16BVSSIP Datasheet PDF - Winbond

Part # W25Q16BVSSIP
Download  W25Q16BVSSIP Click to download

File Size   2067.87 Kbytes
Page   68 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI

W25Q16BVSSIP Datasheet (HTML) - Winbond


W25Q16BVSSIP Product details

GENERAL DESCRIPTION
The W25Q16BV (16M-bit) Serial Flash memory provides a storage solution for systems with limited space, pins and power. The 25Q series offers flexibility and performance well beyond ordinary Serial Flash devices. They are ideal for code shadowing to RAM, executing code directly from Dual/Quad SPI (XIP) and storing voice, text and data. The devices operate on a single 2.7V to 3.6V power supply with current consumption as low as 4mA active and 1µA for power-down. All devices are offered in spacesaving packages.

FEATURES
• Family of SpiFlash Memories
    – W25Q16BV: 16M-bit / 2M-byte (2,097,152)
    – 256-bytes per programmable page
• Standard, Dual or Quad SPI
    – Standard SPI: CLK, /CS, DI, DO, /WP, /Hold
    – Dual SPI: CLK, /CS, IO0, IO1, /WP, /Hold
    – Quad SPI: CLK, /CS, IO0, IO1, IO2, IO3
• Highest Performance Serial Flash
    – Up to 8X that of ordinary Serial Flash
    – 104MHz clock operation
    – 208MHz equivalent Dual SPI
    – 416MHz equivalent Quad SPI
    – 50MB/S continuous data transfer rate
• Efficient “Continuous Read Mode”
    – Low Instruction overhead
    – As few as 8 clocks to address memory
    – Allows true XIP (execute in place) operation
    – Outperforms X16 Parallel Flash
• Low Power, Wide Temperature Range
    – Single 2.7 to 3.6V supply
    – 4mA active current, <1µA Power-down (typ.)
    – -40°C to +85°C operating range
• Flexible Architecture with 4KB sectors
    – Uniform Sector Erase (4K-bytes)
    – Block Erase (32K and 64K-bytes)
    – Program one to 256 bytes
    – More than 100,000 erase/write cycles
    – More than 20-year data retention
• Advanced Security Features
    – Software and Hardware Write-Protect
    – Top or Bottom, Sector or Block selection
    – Lock-Down and OTP protection(1)
    – 64-Bit Unique ID for each device
• Space Efficient Packaging
    – 8-pin SOIC 150(2)/208-mil
    – 8-pad WSON 6x5-mm
    – 8-pin PDIP 300-mil(2)
    – 16-pin SOIC 300-mil(2)
    – Contact Winbond for KGD and other options




Similar Part No. - W25Q16BVSSIP

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16 WINBOND-W25Q16 Datasheet
1Mb / 61P
8M-BIT, 16M-BIT AND 32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
logo
List of Unclassifed Man...
W25Q16 ETC-W25Q16 Datasheet
588Kb / 15P
Arduino MKR WAN 1310
12/23/2020
logo
Winbond
W25Q16CL WINBOND-W25Q16CL Datasheet
2Mb / 77P
2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL Datasheet
2Mb / 72P
2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CLDAIG WINBOND-W25Q16CLDAIG Datasheet
2Mb / 77P
2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results


Similar Description - W25Q16BVSSIP

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16CL WINBOND-W25Q16CL Datasheet
2Mb / 77P
2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV Datasheet
1Mb / 79P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16V WINBOND-W25Q16V Datasheet
1Mb / 60P
16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVSSIG WINBOND-W25Q16DVSSIG Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL_13 Datasheet
2Mb / 72P
2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV_13 Datasheet
1Mb / 81P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVDAIG-TR WINBOND-W25Q16DVDAIG-TR Datasheet
1Mb / 80P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVUUIG-TR WINBOND-W25Q16DVUUIG-TR Datasheet
1Mb / 80P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DWSSIG-TR WINBOND-W25Q16DWSSIG-TR Datasheet
1Mb / 84P
1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q16JV WINBOND-W25Q16JV Datasheet
2Mb / 75P
3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com