Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q16DWSNIP Datasheet (PDF) - Winbond

W25Q16DWSNIP Datasheet PDF - Winbond
Part # W25Q16DWSNIP
Download  W25Q16DWSNIP Download
File Size   1281.27 Kbytes
Page   83 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI

W25Q16DWSNIP Datasheet (PDF)

Go To PDF Page Download Datasheet
W25Q16DWSNIP Datasheet PDF - Winbond

Part # W25Q16DWSNIP
Download  W25Q16DWSNIP Click to download

File Size   1281.27 Kbytes
Page   83 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI

W25Q16DWSNIP Datasheet (HTML) - Winbond


W25Q16DWSNIP Product details

GENERAL DESCRIPTION
The W25Q16DW (16M-bit) Serial Flash memory provides a storage solution for systems with limited space, pins and power. The 25Q series offers flexibility and performance well beyond ordinary Serial Flash devices. They are ideal for code shadowing to RAM, executing code directly from Dual/Quad SPI (XIP) and storing voice, text and data. The device operates on a single 1.65V to 1.95V power supply with current consumption as low as 4mA active and 1µA for power-down. All devices are offered in space saving packages.
The W25Q16DW array is organized into 8,192 programmable pages of 256-bytes each. Up to 256 bytes can be programmed at a time. Pages can be erased in groups of 16 (4KB sector erase), groups of 128 (32KB block erase), groups of 256 (64KB block erase) or the entire chip (chip erase). The W25Q16DW has 512 erasable sectors and 32 erasable blocks respectively. The small 4KB sectors allow for greater flexibility in applications that require data and parameter storage. (See figure 2.)
The W25Q16DW support the standard Serial Peripheral Interface (SPI), Dual/Quad I/O SPI as well as 2-clocks instruction cycle Quad Peripheral Interface (QPI): Serial Clock, Chip Select, Serial Data I/O0 (DI), I/O1 (DO), I/O2 (/WP), and I/O3 (/HOLD). SPI clock frequencies of up to 104MHz are supported allowing equivalent clock rates of 208MHz (104MHz x 2) for Dual I/O and 416MHz (104MHz x 4) for Quad I/O when using the Fast Read Dual/Quad I/O and QPI instructions. These transfer rates can outperform standard Asynchronous 8 and 16-bit Parallel Flash memories. The Continuous Read Mode allows for efficient memory access with as few as 8-clocks of instruction-overhead to read a 24-bit address, allowing true XIP (execute in place) operation.
A Hold pin, Write Protect pin and programmable write protection, with top or bottom array control, provide further control flexibility. Additionally, the device supports JEDEC standard manufacturer and device identification, a 64-bit Unique Serial Number and four 256-bytes Security Registers.

FEATURES
● Family of SpiFlash Memories
   – W25Q16DW: 16M-bit / 2M-byte (2,097,152)
   – Standard SPI: CLK, /CS, DI, DO, /WP, /Hold
   – Dual SPI: CLK, /CS, IO0, IO1, /WP, /Hold
   – Quad SPI: CLK, /CS, IO0, IO1, IO2, IO3
   – QPI: CLK, /CS, IO0, IO1, IO2, IO3
● Highest Performance Serial Flash
   – 104MHz Standard/Dual/Quad SPI clocks
   – 208/416MHz equivalent Dual/Quad SPI
   – 50MB/S continuous data transfer rate
   – More than 100,000 erase/program cycles
   – More than 20-year data retention
● Efficient “Continuous Read” and QPI Mode
   – Continuous Read with 8/16/32/64-Byte Wrap
   – As few as 8 clocks to address memory
   – Quad Peripheral Interface (QPI) reduces
      instruction overhead
   – Allows true XIP (execute in place) operation
   – Outperforms X16 Parallel Flash
● Low Power, Wide Temperature Range
   – Single 1.65 to 1.95V supply
   – 4mA active current, <1µA Power-down (typ.)
   – -40°C to +85°C operating range
● Flexible Architecture with 4KB sectors
   – Uniform Sector Erase (4K-bytes)
   – Uniform Block Erase (32K and 64K-bytes)
   – Program 1 to 256 byte per programmable page
   – Erase/Program Suspend & Resume
● Advanced Security Features
   – Software and Hardware Write-Protect
   – Top/Bottom, 4KB complement array protection
   – Power Supply Lock-Down and OTP protection
   – 64-Bit Unique ID for each device
   – 4X256-Bytes Security Registers with OTP locks
   – Volatile & Non-volatile Status Register Bits
● Space Efficient Packaging
   – 8-pin SOIC 150/208-mil
   – 8-pad WSON 6x5-mm, USON 4x3-mm
   – 8-ball WLCSP
   – 16-pin SOIC 300-mil
   – Contact Winbond for KGD and other options




Similar Part No. - W25Q16DWSNIP

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16DWSNIP WINBOND-W25Q16DWSNIP Datasheet
1Mb / 85P
1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q16DWSNIP WINBOND-W25Q16DWSNIP Datasheet
1Mb / 84P
1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
More results


Similar Description - W25Q16DWSNIP

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q32DW WINBOND-W25Q32DW Datasheet
1Mb / 82P
1.8V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64DW WINBOND-W25Q64DW Datasheet
1Mb / 82P
1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q16DW WINBOND-W25Q16DW_12 Datasheet
1Mb / 85P
1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32DW WINBOND-W25Q32DW_12 Datasheet
1Mb / 82P
1.8V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64DW WINBOND-W25Q64DW_12 Datasheet
1Mb / 82P
1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q16DWSSIG-TR WINBOND-W25Q16DWSSIG-TR Datasheet
1Mb / 84P
1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q16FWUUIQ-TR WINBOND-W25Q16FWUUIQ-TR Datasheet
1Mb / 90P
1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FW WINBOND-W25Q64FW Datasheet
2Mb / 94P
1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q128FW WINBOND-W25Q128FW Datasheet
1Mb / 96P
1.8V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q40EW WINBOND-W25Q40EW Datasheet
1Mb / 80P
1.8V 4M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
August 18, 2018Revision J
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com