Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q80BLDAIP Datasheet (PDF) - Winbond

W25Q80BLDAIP Datasheet PDF - Winbond
Part # W25Q80BLDAIP
Download  W25Q80BLDAIP Download
File Size   2280.39 Kbytes
Page   75 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 2.5V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI

W25Q80BLDAIP Datasheet (PDF)

Go To PDF Page Download Datasheet
W25Q80BLDAIP Datasheet PDF - Winbond

Part # W25Q80BLDAIP
Download  W25Q80BLDAIP Click to download

File Size   2280.39 Kbytes
Page   75 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 2.5V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI

W25Q80BLDAIP Datasheet (HTML) - Winbond


W25Q80BLDAIP Product details

GENERAL DESCRIPTION

The W25Q80BL (8M-bit) Serial Flash memory provides a storage solution for systems with limited space, pins and power. The 25Q series offers flexibility and performance well beyond ordinary Serial Flash devices. They are ideal for code shadowing to RAM, executing code directly from Dual/Quad SPI (XIP) and storing voice, text and data. The device operates on a single 2.3V to 3.6V power supply with current consumption as low as 4mA active and 1µA for power-down.



FEATURES

• Family of SpiFlash Memories

– W25Q80BL: 8M-bit/1M-byte (1,048,576)

– 256-byte per programmable page

– Standard SPI: CLK, /CS, DI, DO, /WP, /Hold

– Dual SPI: CLK, /CS, IO0, IO1, /WP, /Hold

– Quad SPI: CLK, /CS, IO0, IO1, IO2, IO3

• Highest Performance Serial Flash

– 50MHz Dual/Quad SPI clocks

– 100/200MHz equivalent Dual/Quad SPI

– 25MB/S continuous data transfer rate

– Up to 4X that of ordinary Serial Flash

– More than 100,000 erase/program cycles

– More than 20-year data retention

• Efficient “Continuous Read Mode”

– Low Instruction overhead

– Continuous Read with 8/16/32/64-Byte Wrap

– As few as 8 clocks to address memory

– Allows true XIP (execute in place) operation

– Outperforms X16 Parallel Flash

• Low Power, Wide Temperature Range

– Single 2.3 to 3.6V supply

– 4mA active current, <1µA Power-down current

– -40°C to +85°C operating range

• Flexible Architecture with 4KB sectors

– Uniform Sector Erase (4K-bytes)

– Uniform Block Erase (32K and 64K-bytes)

– Program one to 256 bytes

– Erase/Program Suspend & Resume

• Advanced Security Features

– Software and Hardware Write-Protect

– Top/Bottom, 4KB complement array protection

– Lock-Down and OTP array protection

– 64-Bit Unique Serial Number for each device

– Discoverable Parameters (SFDP) Register

– 3X256-Byte Security Registers with OTP locks

– Volatile & Non-volatile Status Register Bits

• Space Efficient Packaging

– 8-pin SOIC 150(1)/208-mil

– 8-pad WSON 6x5-mm

– 8-pin PDIP 300-mil

– Contact Winbond for KGD and other options




Similar Part No. - W25Q80BLDAIP

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q80BL WINBOND-W25Q80BL Datasheet
2Mb / 74P
2.5V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BLSNIG WINBOND-W25Q80BLSNIG Datasheet
2Mb / 74P
2.5V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BLSSIG WINBOND-W25Q80BLSSIG Datasheet
2Mb / 74P
2.5V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BLSVIG WINBOND-W25Q80BLSVIG Datasheet
2Mb / 74P
2.5V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BLUXIG WINBOND-W25Q80BLUXIG Datasheet
2Mb / 74P
2.5V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results


Similar Description - W25Q80BLDAIP

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q40BL WINBOND-W25Q40BL Datasheet
2Mb / 73P
2.5V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BV WINBOND-W25Q80BV Datasheet
1Mb / 75P
8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BW WINBOND-W25Q80BW Datasheet
2Mb / 71P
1.8V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL_13 Datasheet
2Mb / 72P
2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BL WINBOND-W25Q80BL_13 Datasheet
2Mb / 74P
2.5V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BV WINBOND-W25Q80BV_13 Datasheet
1Mb / 75P
8M-BIT SERIAL FLASH MEMORY WIT DUAL AND QUAD SPI
W25Q80BW WINBOND-W25Q80BW_13 Datasheet
1Mb / 74P
1.8V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BVDAIG-TR WINBOND-W25Q80BVDAIG-TR Datasheet
1Mb / 74P
8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BWSSIG-TR WINBOND-W25Q80BWSSIG-TR Datasheet
1Mb / 75P
1.8V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80DVSNIG-TR WINBOND-W25Q80DVSNIG-TR Datasheet
2Mb / 71P
3V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com