Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P8E2R4VA Datasheet (PDF) - MPS Industries, Inc.

P8E2R4VA Datasheet PDF - MPS Industries, Inc.
Part # P8E2R4VA
Download  P8E2R4VA Download
File Size   174.91 Kbytes
Page   1 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description 2.4VA 50Hz/60Hz LINE TRANSFORMER

P8E2R4VA Datasheet (PDF)

Go To PDF Page Download Datasheet
P8E2R4VA Datasheet PDF - MPS Industries, Inc.

Part # P8E2R4VA
Download  P8E2R4VA Click to download

File Size   174.91 Kbytes
Page   1 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description 2.4VA 50Hz/60Hz LINE TRANSFORMER

P8E2R4VA Datasheet (HTML) - MPS Industries, Inc.




Similar Part No. - P8E2R4VA

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
P8E5VA MPSIND-P8E5VA Datasheet
176Kb / 1P
5VA 50Hz/60Hz LINE TRANSFORMER
P8E5VA-10 MPSIND-P8E5VA-10 Datasheet
176Kb / 1P
5VA 50Hz/60Hz LINE TRANSFORMER
P8E5VA-12R6 MPSIND-P8E5VA-12R6 Datasheet
176Kb / 1P
5VA 50Hz/60Hz LINE TRANSFORMER
P8E5VA-16 MPSIND-P8E5VA-16 Datasheet
176Kb / 1P
5VA 50Hz/60Hz LINE TRANSFORMER
P8E5VA-20 MPSIND-P8E5VA-20 Datasheet
176Kb / 1P
5VA 50Hz/60Hz LINE TRANSFORMER
More results


Similar Description - P8E2R4VA

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2413 LINER-LTC2413 Datasheet
454Kb / 44P
24-Bit No Latency ADC, with Simultaneous 50Hz/60Hz Rejection
logo
Panasonic Semiconductor
AN5560 PANASONIC-AN5560 Datasheet
105Kb / 2P
50Hz and 60Hz Detection IC for TV
logo
MPS Industries, Inc.
P8E5VA MPSIND-P8E5VA Datasheet
176Kb / 1P
5VA 50Hz/60Hz LINE TRANSFORMER
logo
Allied Components Inter...
AEI35-3855 ALLIED-AEI35-3855 Datasheet
397Kb / 2P
24V 2.4VA Power Transformer
logo
Linear Technology
LTC2413 LINER-LTC2413_15 Datasheet
462Kb / 44P
24-Bit No Latency ADC, with Simultaneous 50Hz/60Hz Rejection
logo
List of Unclassifed Man...
3FD-348 ETC2-3FD-348 Datasheet
493Kb / 2P
THREE FLANGE DUAL PRIMARY 2.4VA PC BOARD POWER TRANSFORMER
logo
Monolithic Power System...
EVX2001-Y-00B MPS-EVX2001-Y-00B Datasheet
794Kb / 15P
90VAC~265VAC/50Hz/60Hz, 12V/5A Evaluation Board
logo
Schneider Electric
GVAU505 SCHNEIDER-GVAU505 Datasheet
93Kb / 4P
Undervoltage release (MN), TeSys Deca, 500V AC 50Hz / 600V AC 60Hz
May 13, 2022
logo
ABB
A16-30-10 ABB-A16-30-10 Datasheet
126Kb / 5P
A16-30-10 220-230V 50Hz / 230-240V 60Hz 2
A9-30-10 ABB-A9-30-10 Datasheet
100Kb / 5P
A9-30-10 24V 50Hz / 24V 60Hz Contactor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com