Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W29GL128C Datasheet (PDF) - Winbond

W29GL128C Datasheet PDF - Winbond
Part # W29GL128C
Download  W29GL128C Download
File Size   1421.25 Kbytes
Page   64 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 128M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE

W29GL128C Datasheet (PDF)

Go To PDF Page Download Datasheet
W29GL128C Datasheet PDF - Winbond

Part # W29GL128C
Download  W29GL128C Click to download

File Size   1421.25 Kbytes
Page   64 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 128M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE

W29GL128C Datasheet (HTML) - Winbond


W29GL128C Product details

 GENERAL DESCRIPTION
The W29GL128C Parallel Flash memory provides a storage solution for embedded system applications that require better performance, lower power consumption and higher density. The device has a random access speed of 90ns and a fast page access speed of 25ns, as well as significantly faster program and erase time than the products available on the market today. The W29GL128C also offers special features such as Compatible Manufacturer ID that makes the device industry standard compatible without the need to change firmware.

FEATURES
• 64k-Word/128k-Byte uniform sector architecture
    – Total 128 uniform sectors
• 32-Word/64-Byte write buffer
    – Reduces total program time for multiple-word updates
• 8-Word/16-Byte page read buffer
• Secured Silicon Sector area
    – Programmed and locked by the customer or during production
    – 128-word/256-byte sector for permanent, safe identification using an 8-word/16-byte random electronic serial number
• Enhanced Sector Protect using Dynamic and Individual mechanisms
• Polling/Toggling methods are used to detect the status of program and erase operation
• Suspend and resume commands used for program and erase operations
• More than 100,000 erase/program cycles
• More than 20-year data retention
• Software and Hardware write protection
    – Write-Protect all or a portion of memory
    – Enable/Disable protection with #WP pin
    – Top or bottom array protection
• Low power consumption
• Deep power down mode
• Wide temperature range
• Compatible manufacturer ID for drop-in replacement
    – No firmware change is required
• Faster Erase and Program time
    – Erase is 1.5x faster than industry standard
    – Program is 2x faster than industry standard
    – Allows for improved production throughput and faster field updates
• CFI (Common Flash Interface) support
• Single 3V Read/Program/Erase (2.7 - 3.6V)
• Enhanced Variable IO control
    – All input levels (address, control, and DQ) and output levels are determined by voltage on the EVIO input. EVIO ranges from 1.65 to VCC
• #WP/ACC Input
    – Accelerates programming time (when VHH is applied) for greater throughput during system production
    – Protects first or last sector regardless of sector protection settings
• Hardware reset input (#reset) resets device
• Ready/#Busy output (RY/#BY) detects completion of program or erase cycle
• Packages
    – 56-pin TSOP
    – 56-ball TFBGA
    – 64-ball LFBGA




Similar Part No. - W29GL128C

ManufacturerPart #DatasheetDescription
logo
Winbond
W29GL128C WINBOND-W29GL128C Datasheet
793Kb / 67P
128M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL128CH9B WINBOND-W29GL128CH9B Datasheet
793Kb / 67P
128M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL128CH9B WINBOND-W29GL128CH9B Datasheet
1Mb / 67P
128M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL128CH9C WINBOND-W29GL128CH9C Datasheet
793Kb / 67P
128M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL128CH9C WINBOND-W29GL128CH9C Datasheet
1Mb / 67P
128M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
More results


Similar Description - W29GL128C

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MBM29XL12DF FUJITSU-MBM29XL12DF Datasheet
1Mb / 91P
PAGE MODE FLASH MEMORY CMOS 128M BIT
logo
List of Unclassifed Man...
MX28F128J3 ETC1-MX28F128J3 Datasheet
35Kb / 6P
128M [x8/x16] SINGLE 3V PAGE MODE FLASH MEMORY
logo
Winbond
W29GL032C WINBOND-W29GL032C Datasheet
1Mb / 66P
32M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL064C WINBOND-W29GL064C Datasheet
1Mb / 66P
64M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL032C WINBOND-W29GL032C_13 Datasheet
897Kb / 68P
32M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL064C WINBOND-W29GL064C_13 Datasheet
1Mb / 68P
64M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL128C WINBOND-W29GL128C_13 Datasheet
793Kb / 67P
128M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL128CH9C-TR WINBOND-W29GL128CH9C-TR Datasheet
1Mb / 67P
128M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL256PL9T-TR WINBOND-W29GL256PL9T-TR Datasheet
1Mb / 64P
256M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL256SH9T-TR WINBOND-W29GL256SH9T-TR Datasheet
2Mb / 88P
256M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com