Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W641GG2JB Datasheet (PDF) - Winbond

W641GG2JB Datasheet PDF - Winbond
Part # W641GG2JB
Download  W641GG2JB Download
File Size   1888.68 Kbytes
Page   109 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 1-Gbit GDDR3 Graphics SDRAM

W641GG2JB Datasheet (PDF)

Go To PDF Page Download Datasheet
W641GG2JB Datasheet PDF - Winbond

Part # W641GG2JB
Download  W641GG2JB Click to download

File Size   1888.68 Kbytes
Page   109 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 1-Gbit GDDR3 Graphics SDRAM

W641GG2JB Datasheet (HTML) - Winbond


W641GG2JB Product details

GENERAL DESCRIPTION

The W641GG2JB 1-Gbit GDDR3 GRAPHICS SDRAM is a high speed dynamic random-access memory designed for applications requiring high bandwidth. It contains 1,073,741,824 bits. The device can be configured to operate in two different modes:

• in 2-CS mode the chip is organized as two 512 Mbit memories of 8 banks each, with 4096 row locations and 512 column locations per bank.

• in 1-CS mode the chip is organized as one 1 Gbit memory, with 8192 row locations and 512 column locations perbank.

The GDDR3 GRAPHICS SDRAM uses a double data rate architecture to achieve high speed operation. The double

data rate architecture is essentially a 4n prefetch architecture with an interface designed to transfer two data words per clock cycle at the I/O pins. A single read or write access for the GDDR3 GRAPHICS SDRAM effectively consists of a 4n data transfer every two clock cycles at the internal DRAM core and four corresponding n-bit wide, one-half-clock cycle data transfers at the I/O pins.



FEATURES

• Density: 1Gbit

• Power supply (VDD, VDDQ): 1.8V 0.1V

• Organization: 1 Chip Select x 8 banks x 4M words x 32 bits (1-CS mode) and 2 Chip Select x 8 banks x 2M words x 32 bits (2-CS mode)

• Eight internal banks per Chip Select for concurrent operation

• 4n prefetch architecture: 128 bit per array Read or Write access

• Double-data rate architecture: two data transfers per clock cycle

• Single ended interface for data, address and command

• Differential clock inputs CLK, CLK#

• Commands entered on each positive CLK edge

• Single ended Read strobe (RDQS) per byte, edge-aligned with Read data

• Single ended Write strobe (WDQS) per byte, center aligned with Write data

• Write data mask (DM) function

• DLL aligns DQ and RDQS transitions with CLK clock edges for Reads

• Burst length (BL): 4 or 8

• Sequential burst type only

• Programmable CAS latency: 7 to 14

• Programmable Write latency: 3 to 7

• Auto precharge option for each burst access

• Pseudo open drain outputs with 40 pulldown, 40 pullup

• ODT: nom. values of 60 , 120 or 240

• Programmable termination and driver strength offsets

• Refresh cycles: 8192 cycles/32ms

• Auto-refresh and self-refresh modes

• ODT and output drive strength auto-calibration with external resistor ZQ pin (240 )

• Programmable IO interface including on chip termination (ODT)

• tRAS lockout support

• Vendor ID for device identification

• Mirror function with MF pin

• Boundary Scan function with SEN pin

• tWR programmable for Writes with Auto-Precharge

• Calibrated output drive. Active termination support

• Short RAS to CAS timing for Writes

• Operating case temperature range: Tcase = 0°C to +105°C

• Package: 136-ball TFBGA.

• RoHS Compliant Product




Similar Part No. - W641GG2JB

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
W640 LUMINIS-W640 Datasheet
202Kb / 4P
Wall mount
logo
Superworld Electronics
W6420F-701K-F10 SUPERWORLD-W6420F-701K-F10 Datasheet
205Kb / 8P
PHONE LINE FILTER
More results


Similar Description - W641GG2JB

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB18T1G400AF INFINEON-HYB18T1G400AF Datasheet
1Mb / 89P
1 Gbit DDR2 SDRAM
V1.02, May 2004
logo
Samsung semiconductor
K4J55323QF-GC SAMSUNG-K4J55323QF-GC Datasheet
1Mb / 49P
256Mbit GDDR3 SDRAM
K4J52324QC SAMSUNG-K4J52324QC Datasheet
1Mb / 57P
512Mbit GDDR3 SDRAM
K4J55323QG SAMSUNG-K4J55323QG Datasheet
1Mb / 53P
256Mbit GDDR3 SDRAM
logo
Qimonda AG
HYB18H1G321AF QIMONDA-HYB18H1G321AF Datasheet
2Mb / 48P
GDDR3 Graphics RAM 1-Gbit GDDR3 Graphics RAM
HYB18H512321BF QIMONDA-HYB18H512321BF Datasheet
2Mb / 43P
512-Mbit GDDR3 Graphics RAM
HYB18H256321BF QIMONDA-HYB18H256321BF Datasheet
2Mb / 41P
256-Mbit GDDR3 Graphics RAM GDDR3 Graphics RAM
HYB18TC1G800AF QIMONDA-HYB18TC1G800AF Datasheet
2Mb / 54P
1-Gbit DDR2 SDRAM
logo
Hynix Semiconductor
H5RS5223CFR-N3C HYNIX-H5RS5223CFR-N3C Datasheet
1Mb / 66P
512Mbit (16Mx32) GDDR3 SDRAM
logo
Maxwell Technologies
72SD3232B MAXWELL-72SD3232B Datasheet
601Kb / 41P
1 Gbit SDRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com