Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W972GG6JB Datasheet (PDF) - Winbond

W972GG6JB Datasheet PDF - Winbond
Part # W972GG6JB
Download  W972GG6JB Download
File Size   1491.66 Kbytes
Page   87 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 16M ??8 BANKS ??16 BIT DDR2 SDRAM

W972GG6JB Datasheet (PDF)

Go To PDF Page Download Datasheet
W972GG6JB Datasheet PDF - Winbond

Part # W972GG6JB
Download  W972GG6JB Click to download

File Size   1491.66 Kbytes
Page   87 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 16M ??8 BANKS ??16 BIT DDR2 SDRAM

W972GG6JB Datasheet (HTML) - Winbond


W972GG6JB Product details

GENERAL DESCRIPTION
The W972GG6JB is a 2G bits DDR2 SDRAM, organized as 16,777,216 words x 8 banks x 16 bits. This device achieves high speed transfer rates up to 1066Mb/sec/pin (DDR2-1066) for various applications. W972GG6JB is sorted into the following grade parts: -18, -25, 25I, 25A, 25K, -3 and -3A. The -18 is compliant to the DDR2-1066 (7-7-7) a-49740-pass. The -25/25I/25A/25K are compliant to the DDR2-800 (5-5-5) or DDR2-800 (6-6-6) specification (the 25I industrial grade parts is guaranteed to support -40°C ≤ TCASE ≤ 95°C). The -3/-3A are compliant to the DDR2-667 (5-5-5) specification.

FEATURES
• Power Supply: VDD, VDDQ = 1.8 V ± 0.1V
• Double Data Rate architecture: two data transfers per clock cycle
• CAS Latency: 3, 4, 5, 6 and 7
• Burst Length: 4 and 8
• Bi-directional, differential data strobes (DQS and DQS ) are transmitted / received with data
• Edge-aligned with Read data and center-aligned with Write data
• DLL aligns DQ and DQS transitions with clock
• Differential clock inputs (CLK and CLK )
• Data masks (DM) for write data
• Commands entered on each positive CLK edge, data and data mask are referenced to both edges of DQS
• Posted CAS programmable additive latency supported to make command and data bus efficiency
• Read Latency = Additive Latency plus CAS Latency (RL = AL + CL)
• Off-Chip-Driver impedance adjustment (OCD) and On-Die-Termination (ODT) for better signal quality
• Auto-precharge operation for read and write bursts
• Auto Refresh and Self Refresh modes
• Precharged Power Down and Active Power Down
• Write Data Mask
• Write Latency = Read Latency - 1 (WL = RL - 1)
• Interface: SSTL_18
• Packaged in WBGA 84 Ball (11X13 mm2), using Lead free materials with RoHS compliant




Similar Part No. - W972GG6JB

ManufacturerPart #DatasheetDescription
logo
Winbond
W972GG6JB-18-TR WINBOND-W972GG6JB-18-TR Datasheet
1Mb / 87P
16M 8 BANKS 16 BIT DDR2 SDRAM
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
Double Data Rate architecture: two data transfers per clock cycle
More results


Similar Description - W972GG6JB

ManufacturerPart #DatasheetDescription
logo
Winbond
W971GG8JB WINBOND-W971GG8JB Datasheet
1Mb / 86P
16M 횞 8 BANKS 횞 8 BIT DDR2 SDRAM
W9751G8JB WINBOND-W9751G8JB Datasheet
1Mb / 86P
16M ??4 BANKS ??8 BIT DDR2 SDRAM
W971GG6JB WINBOND-W971GG6JB Datasheet
1Mb / 87P
8M ??8 BANKS ??16 BIT DDR2 SDRAM
W971GG8JB WINBOND-W971GG8JB_12 Datasheet
1Mb / 87P
16M x 8 BANKS x 8 BIT DDR2 SDRAM
W9751G8KB WINBOND-W9751G8KB Datasheet
1Mb / 87P
16M x 4 BANKS 瑗?8 BIT DDR2 SDRAM
W632GG6KB WINBOND-W632GG6KB Datasheet
3Mb / 159P
16M X 8 BANKS X 16 BIT DDR3 SDRAM
W971GG6KB25I-TR WINBOND-W971GG6KB25I-TR Datasheet
1Mb / 87P
8M 8 BANKS 16 BIT DDR2 SDRAM
W971GG8KB-25-TR WINBOND-W971GG8KB-25-TR Datasheet
1Mb / 87P
16M 8 BANKS 8 BIT DDR2 SDRAM
W972GG6JB-18-TR WINBOND-W972GG6JB-18-TR Datasheet
1Mb / 87P
16M 8 BANKS 16 BIT DDR2 SDRAM
logo
Elite Semiconductor Mem...
M15F2G16128A ESMT-M15F2G16128A Datasheet
4Mb / 130P
16M x 16 Bit x 8 Banks DDR3 SDRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com