Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W9712G8JB Datasheet (PDF) - Winbond

W9712G8JB Datasheet PDF - Winbond
Part # W9712G8JB
Download  W9712G8JB Download
File Size   1045.56 Kbytes
Page   86 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 4M 횞 4 BANKS 횞 8 BIT DDR2 SDRAM

W9712G8JB Datasheet (PDF)

Go To PDF Page Download Datasheet
W9712G8JB Datasheet PDF - Winbond

Part # W9712G8JB
Download  W9712G8JB Click to download

File Size   1045.56 Kbytes
Page   86 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 4M 횞 4 BANKS 횞 8 BIT DDR2 SDRAM

W9712G8JB Datasheet (HTML) - Winbond


W9712G8JB Product details

GENERAL DESCRIPTION
The W9712G8JB is a 128M bits DDR2 SDRAM, organized as 4,194,304 words × 4 banks × 8 bits. This device achieves high speed transfer rates up to 1066Mb/sec/pin (DDR2-1066) for general applications. W9712G8JB is sorted into the following speed grades: -18, -25 and -3. The -18 is compliant to the DDR2-1066 (7-7-7) specification. The -25 is compliant to the DDR2-800 (5-5-5) or DDR2-800 (6-6-6) specification. The -3 is compliant to the DDR2-667 (5-5-5) specification.

FEATURES
• Power Supply: VDD, VDDQ = 1.8 V ± 0.1 V
• Double Data Rate architecture: two data transfers per clock cycle
• CAS Latency: 3, 4, 5, 6 and 7
• Burst Length: 4 and 8
• Bi-directional, differential data strobes (DQS and DQS ) are transmitted / received with data
• Edge-aligned with Read data and center-aligned with Write data
• DLL aligns DQ and DQS transitions with clock
• Differential clock inputs (CLK and CLK )
• Data masks (DM) for write data.
• Commands entered on each positive CLK edge, data and data mask are referenced to both edges of DQS
• Posted CAS programmable additive latency supported to make command and data bus efficiency
• Read Latency = Additive Latency plus CAS Latency (RL = AL + CL)
• Off-Chip-Driver impedance adjustment (OCD) and On-Die-Termination (ODT) for better signal quality
• Auto-precharge operation for read and write bursts
• Auto Refresh and Self Refresh modes
• Precharged Power Down and Active Power Down
• Write Data Mask
• Write Latency = Read Latency - 1 (WL = RL - 1)
• Interface: SSTL_18
• Packaged in WBGA 60 Ball (8X12.5 mm2), using Lead free materials with RoHS compliant




Similar Part No. - W9712G8JB

ManufacturerPart #DatasheetDescription
logo
Winbond
W9712G6JB WINBOND-W9712G6JB Datasheet
1Mb / 86P
2M 횞 4 BANKS 횞 16 BIT DDR2 SDRAM
logo
Microchip Technology
W9712G6KB25I MICROCHIP-W9712G6KB25I Datasheet
1Mb / 56P
SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
2021
More results


Similar Description - W9712G8JB

ManufacturerPart #DatasheetDescription
logo
Winbond
W9825G6DH WINBOND-W9825G6DH Datasheet
1Mb / 44P
4M 횞 4 BANKS 횞 16 BITS SDRAM
W9812G2GB WINBOND-W9812G2GB Datasheet
1Mb / 42P
1M 횞 4 BANKS 횞 32BITS SDRAM
W971GG8JB WINBOND-W971GG8JB Datasheet
1Mb / 86P
16M 횞 8 BANKS 횞 8 BIT DDR2 SDRAM
W9425G8EH WINBOND-W9425G8EH Datasheet
1Mb / 53P
8M 횞 4 BANKS 횞 8 BITS DDR SDRAM
W9712G6JB WINBOND-W9712G6JB Datasheet
1Mb / 86P
2M 횞 4 BANKS 횞 16 BIT DDR2 SDRAM
W9725G6JB WINBOND-W9725G6JB Datasheet
1Mb / 87P
4M ??4 BANKS ??16 BIT DDR2 SDRAM
W9812G2IB WINBOND-W9812G2IB Datasheet
661Kb / 43P
1M 횞 4 BANKS 횞 32BITS SDRAM
W9812G2IH WINBOND-W9812G2IH Datasheet
703Kb / 43P
1M 횞 4 BANKS 횞 32BIT SDRAM
W9864G2IB WINBOND-W9864G2IB Datasheet
678Kb / 42P
512K 횞 4 BANKS 횞 32BITS SDRAM
W9864G2IH WINBOND-W9864G2IH Datasheet
667Kb / 43P
512K 횞 4 BANKS 횞 32BITS SDRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com