Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC74LVX86 Datasheet (PDF) - Motorola, Inc

MC74LVX86 Datasheet PDF - Motorola, Inc
Part # MC74LVX86
Download  MC74LVX86 Download
File Size   133.74 Kbytes
Page   5 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LOW-VOLTAGE CMOS

MC74LVX86 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74LVX86 Datasheet PDF - Motorola, Inc

Part # MC74LVX86
Download  MC74LVX86 Click to download

File Size   133.74 Kbytes
Page   5 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LOW-VOLTAGE CMOS

MC74LVX86 Datasheet (HTML) - Motorola, Inc


MC74LVX86 Product details

Quad 2-Input XOR Gate With 5V-Tolerant Inputs



The MC74LVX86 is an advanced high speed CMOS 2–input Exclusive–OR gate. The inputs tolerate voltages up to 7V, allowing the interface of 5V systems to 3V systems.



• High Speed: tPD = 5.8ns (Typ) at VCC = 3.3V

• Low Power Dissipation: ICC = 2µA (Max) at TA = 25°C

• Power Down Protection Provided on Inputs

• Balanced Propagation Delays

• Low Noise: VOLP = 0.5V (Max)

• Pin and Function Compatible with Other Standard Logic Families

• Latchup Performance Exceeds 300mA

• ESD Performance: HBM > 2000V; Machine Model > 200V



 




Similar Part No. - MC74LVX86

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX86 ONSEMI-MC74LVX86 Datasheet
133Kb / 5P
LOW-VOLTAGE CMOS
REV 0
MC74LVX86 ONSEMI-MC74LVX86 Datasheet
105Kb / 5P
Quad 2-Input XOR Gate
August, 2014 ??Rev. 4
MC74LVX86D ONSEMI-MC74LVX86D Datasheet
133Kb / 5P
LOW-VOLTAGE CMOS
REV 0
MC74LVX86DR2G ONSEMI-MC74LVX86DR2G Datasheet
105Kb / 5P
Quad 2-Input XOR Gate
August, 2014 ??Rev. 4
MC74LVX86DT ONSEMI-MC74LVX86DT Datasheet
133Kb / 5P
LOW-VOLTAGE CMOS
REV 0
More results


Similar Description - MC74LVX86

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LVX125 MOTOROLA-MC74LVX125 Datasheet
147Kb / 6P
LOW-VOLTAGE CMOS
MC74LVX245 MOTOROLA-MC74LVX245 Datasheet
163Kb / 7P
LOW-VOLTAGE CMOS
MC74LVX373 MOTOROLA-MC74LVX373 Datasheet
168Kb / 7P
LOW-VOLTAGE CMOS
MC74LVXC3245 MOTOROLA-MC74LVXC3245 Datasheet
139Kb / 9P
LOW-VOLTAGE CMOS
logo
ON Semiconductor
MC74LVX08 ONSEMI-MC74LVX08 Datasheet
133Kb / 5P
LOW-VOLTAGE CMOS
REV 0
MC74LVX14 ONSEMI-MC74LVX14 Datasheet
139Kb / 6P
LOW-VOLTAGE CMOS
REV 0
MC74LVX32 ONSEMI-MC74LVX32 Datasheet
132Kb / 5P
LOW-VOLTAGE CMOS
REV 0
logo
Motorola, Inc
MC74LVX574 MOTOROLA-MC74LVX574 Datasheet
147Kb / 8P
LOW-VOLTAGE CMOS
logo
Analog Devices
ADG722 AD-ADG722_15 Datasheet
274Kb / 16P
CMOS, Low Voltage
Rev. E
ADG741 AD-ADG741_15 Datasheet
315Kb / 12P
CMOS Low Voltage
REV. A
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com