Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA7210 Datasheet (PDF) - NXP Semiconductors

BGA7210 Datasheet PDF - NXP Semiconductors
Part # BGA7210
Download  BGA7210 Download
File Size   2886.78 Kbytes
Page   30 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 700 MHz to 3800 MHz high linearity variable gain amplifier

BGA7210 Datasheet (PDF)

Go To PDF Page Download Datasheet
BGA7210 Datasheet PDF - NXP Semiconductors

Part # BGA7210
Download  BGA7210 Click to download

File Size   2886.78 Kbytes
Page   30 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 700 MHz to 3800 MHz high linearity variable gain amplifier

BGA7210 Datasheet (HTML) - NXP Semiconductors




Similar Part No. - BGA7210

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA7210 NXP-BGA7210 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
More results


Similar Description - BGA7210

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
VG025 WJCI-VG025 Datasheet
434Kb / 7P
High Linearity Variable Gain Amplifier
VG025 WJCI-VG025_06 Datasheet
425Kb / 7P
High Linearity Variable Gain Amplifier
logo
Analog Devices
ADL5592 AD-ADL5592 Datasheet
1Mb / 20P
250 MHz to 2400 MHz RF Variable Gain Amplifier
REV. 0
ADL5592ACPZ AD-ADL5592ACPZ Datasheet
1Mb / 20P
250 MHz to 2400 MHz RF Variable Gain Amplifier
REV. 0
logo
TriQuint Semiconductor
TQC9074 TRIQUINT-TQC9074_15 Datasheet
493Kb / 7P
High Linearity Variable Gain Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ALM-81224 AVAGO-ALM-81224 Datasheet
664Kb / 23P
High Linearity 1450 ??2750 MHz Variable Gain Amplifier
logo
Skyworks Solutions Inc.
SKY73070 SKYWORKS-SKY73070 Datasheet
230Kb / 13P
700 - 1000 MHz High Gain and Linearity Single
SKY73022-11 SKYWORKS-SKY73022-11_09 Datasheet
344Kb / 17P
700 ??1000 MHz High Gain and Linearity Diversity Downconversion Mixer
logo
Broadcom Corporation.
DEMO-ALM-81224 BOARDCOM-DEMO-ALM-81224 Datasheet
664Kb / 23P
High Linearity 1450 ??2750 MHz Variable Gain Amplifier
ALM-1522 BOARDCOM-ALM-1522 Datasheet
1Mb / 12P
700 ??1100 MHz Low Noise, High Gain, High Linearity Balanced Amplifier Module
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com