Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGU7044 Datasheet (PDF) - NXP Semiconductors

BGU7044 Datasheet PDF - NXP Semiconductors
Part # BGU7044
Download  BGU7044 Download
File Size   163.22 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 1 GHz wideband low-noise amplifier

BGU7044 Datasheet (PDF)

Go To PDF Page Download Datasheet
BGU7044 Datasheet PDF - NXP Semiconductors

Part # BGU7044
Download  BGU7044 Click to download

File Size   163.22 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 1 GHz wideband low-noise amplifier

BGU7044 Datasheet (HTML) - NXP Semiconductors




Similar Part No. - BGU7044

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGU7044 NXP-BGU7044 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
More results


Similar Description - BGU7044

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA8061 TRIQUINT-TGA8061 Datasheet
580Kb / 7P
.1 - 3.5 GHz Low Noise Amplifier
logo
Fairchild Semiconductor
RMLA3565C FAIRCHILD-RMLA3565C Datasheet
257Kb / 5P
Wideband Low Noise MMIC Amplifier
logo
Intersil Corporation
HFA-0002 INTERSIL-HFA-0002 Datasheet
613Kb / 10P
Low Noise Wideband Operational Amplifier
September 1998
logo
DAICO Industries, Inc.
DAML6284 DAICO-DAML6284 Datasheet
130Kb / 1P
Wideband Low Noise Amplifier
logo
TriQuint Semiconductor
TGA4830-EPU TRIQUINT-TGA4830-EPU Datasheet
717Kb / 9P
Wideband Low Noise Amplifier
logo
Pasternack Enterprises,...
PE1519 PASTERNACK-PE1519 Datasheet
392Kb / 2P
Low Noise Amplifier 1 ??4 GHz
logo
TriQuint Semiconductor
TGA4830 TRIQUINT-TGA4830_15 Datasheet
569Kb / 10P
Wideband Low Noise Amplifier
logo
Analog Devices
ADL7003 AD-ADL7003 Datasheet
481Kb / 18P
Wideband Low Noise Amplifier
Apr-2017
HMC-AUH312 AD-HMC-AUH312 Datasheet
315Kb / 17P
Low Noise Wideband Amplifier
ADL8104 AD-ADL8104 Datasheet
617Kb / 23P
Wideband, High Linearity, Low Noise Amplifier, 0.4 GHz to 7.5 GHz
9/2020-Revision 0
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com