Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLD-DS45 Datasheet (PDF) - Cree, Inc

CLD-DS45 Datasheet PDF - Cree, Inc
Part # CLD-DS45
Download  CLD-DS45 Download
File Size   1020.6 Kbytes
Page   12 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description Cree® XLamp® XB-D White LEDs

CLD-DS45 Datasheet (PDF)

Go To PDF Page Download Datasheet
CLD-DS45 Datasheet PDF - Cree, Inc

Part # CLD-DS45
Download  CLD-DS45 Click to download

File Size   1020.6 Kbytes
Page   12 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description Cree® XLamp® XB-D White LEDs

CLD-DS45 Datasheet (HTML) - Cree, Inc




Similar Part No. - CLD-DS45

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLD-DS41 CREE-CLD-DS41 Datasheet
901Kb / 11P
Cree® XLamp® XT-E Royal Blue LEDs
CLD-DS41 CREE-CLD-DS41 Datasheet
1Mb / 14P
Cree® XLamp® XT-E LEDs
Rev 1A
CLD-DS41 CREE-CLD-DS41_12 Datasheet
1Mb / 14P
Cree® XLamp® XT-E LEDs
Rev 1A
More results


Similar Description - CLD-DS45

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XBDAWT-00-0000-000000E51 CREE-XBDAWT-00-0000-000000E51 Datasheet
1Mb / 17P
XLAMP XB-D LEDS
Rev 8A
XBDAWT-00-0000-000000G51 CREE-XBDAWT-00-0000-000000G51 Datasheet
1,020Kb / 12P
XLAMP XB-D WHITE LEDS
Rev 1
XBDAWT-00-0000-000000F51 CREE-XBDAWT-00-0000-000000F51 Datasheet
1Mb / 18P
XLAMP XB-D LEDS
Rev 9A
XB-D CREE-XB-D Datasheet
1Mb / 19P
XLamp XB-D LEDs
Rev 10E
XBEHVW-H0-0000-00000HFE3 CREE-XBEHVW-H0-0000-00000HFE3 Datasheet
1Mb / 11P
XLamp XB-E High-Voltage White LEDs
Rev 2E
XB-H CREE-XB-H Datasheet
1Mb / 13P
XLamp XB-H LEDs
Rev 1F
XBHAWT-00-0000-000LT60E1 CREE-XBHAWT-00-0000-000LT60E1 Datasheet
1Mb / 13P
XLamp XB-H LEDs
Rev 1F
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
Cree® XLamp® XP-E LEDs
2008-2018
XMLAWT-00-0000-0000U2051 CREE-XMLAWT-00-0000-0000U2051 Datasheet
1Mb / 22P
Cree® XLamp® XM Family LEDs
2010-2016
logo
Cree LED
XB-D CREELED-XB-D Datasheet
2Mb / 42P
XLamp® XB-D LEDs
REV 15
More results




About Cree, Inc


Cree, Inc. is an American semiconductor company that specializes in the design and manufacture of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as LED lighting and power electronics products. The company was founded in 1987 and is headquartered in Durham, North Carolina.

Cree's wide bandgap semiconductors are used in a variety of applications, including power electronics, automotive, aerospace, and defense. The company's SiC and GaN devices are known for their high efficiency, high power density, and high operating temperature, making them ideal for use in applications where high performance is critical.

In addition to its wide bandgap semiconductor products, Cree also offers LED lighting products, including bulbs, fixtures, and chips, that are used in a variety of applications, including residential, commercial, and industrial lighting. Cree's LED lighting products are known for their high quality, energy efficiency, and long lifespan.

Cree has a strong focus on innovation and research and development, and is committed to developing new and innovative products that meet the evolving needs of its customers. The company has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 100 countries worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com