Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM9G46 Datasheet (PDF) - ATMEL Corporation

SAM9G46 Datasheet PDF - ATMEL Corporation
Part # SAM9G46
Download  SAM9G46 Download
File Size   1272.29 Kbytes
Page   58 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description AT91SAM ARM-based Embedded MPU

SAM9G46 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAM9G46 Datasheet PDF - ATMEL Corporation

Part # SAM9G46
Download  SAM9G46 Click to download

File Size   1272.29 Kbytes
Page   58 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description AT91SAM ARM-based Embedded MPU

SAM9G46 Datasheet (HTML) - ATMEL Corporation


SAM9G46 Product details

Description
The Atmel ® | SMART ARM926EJ-S™-based SAM9G46 embedded microprocessor unit (eMPU) features the frequently requested combination of user interface functionality and high data rate connectivity, including LCD controller, resistive touchscreen, camera interface, audio, Ethernet 10/100 and high speed USB and SDIO. With the processor running at 400 MHz and multiple 100+ Mbps data rate peripherals, the SAM9G46 provides adequate performance and bandwidth to the network or local storage media.

Features
• 400 MHz ARM926EJ-S ARM® Thumb® Processor
   ̶ 32 Kbytes Data Cache, 32 Kbytes Instruction Cache, MMU
• Memories
   ̶ 4-port, 4-bank DDR2/LPDDR Controller
   ̶ External Bus Interface supporting 4-bank DDR2/LPDDR, SDRAM/LPSDR, Static Memories, CompactFlash®,
   SLC NAND Flash with ECC
   ̶ 64 Kbytes internal SRAM, single-cycle access at system speed or processor speed through TCM interface
   ̶ 64 Kbytes internal ROM, embedding bootstrap routine
• Peripherals
   ̶ LCD Controller (LCDC) supporting STN and TFT displays up to 1280*860
   ̶ ITU-R BT. 601/656 Image Sensor Interface (ISI)
   ̶ Dual High Speed USB Host and a High Speed USB Device with On-Chip Transceivers
   ̶ 10/100 Mbps Ethernet MAC Controller (EMAC)
   ̶ Two High Speed Memory Card Hosts (SDIO, SDCard, e.MMC and CE ATA)
   ̶ AC’97 Controller (AC97C)
   ̶ Two Master/Slave Serial Peripheral Interfaces (SPI)
   ̶ 2 Three-channel 16-bit Timer/Counters (TC)
   ̶ Two Synchronous Serial Controllers (I2S mode)
   ̶ Four-channel 16-bit PWM Controller
   ̶ 2 Two-wire Interfaces (TWI)
   ̶ Four USARTs with ISO7816, IrDA, Manchester and SPI modes; one Debug Unit (DBGU)
   ̶ 8-channel 10-bit ADC with 4-wire Touchscreen support
   ̶ Write Protected Registers
• Cryptography
   ̶ True Random Number Generator (TRNG)
   ̶ AES256-, 192-, 128-bit Key Algorithm
   ̶ TDES Compliant with FIPS PUB 46-3 Specifications
   ̶ SHA (SHA1 and SHA256) Compliant with FIPS Publication 180-2
• System
   ̶ 133 MHz twelve 32-bit layer AHB Bus Matrix
   ̶ 39 DMA Channels
   ̶ Boot from NAND Flash, SDCard, DataFlash or serial DataFlash
   ̶ Reset Controller (RSTC) with on-chip Power-on Reset
   ̶ Selectable 32768 Hz Low-power and 12 MHz Crystal Oscillators
   ̶ Internal Low-power 32 kHz RC Oscillator
   ̶ One PLL for the system and one 480 MHz PLL optimized for USB High Speed
   ̶ Two Programmable External Clock Signals
   ̶ Advanced Interrupt Controller (AIC)
   ̶ Periodic Interval Timer (PIT), Watchdog Timer (WDT), Real-time Timer (RTT) and Real-time Clock (RTC)
• I/O
   ̶ Five 32-bit Parallel Input/Output Controllers
   ̶ 160 Programmable I/O Lines Multiplexed with up to Two Peripheral I/Os with Schmitt trigger input
• Package
   ̶ 324-ball TFBGA - 15 x 15 x 1.2 mm, 0.8 mm pitch




Similar Part No. - SAM9G46

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM9G46 ATMEL-SAM9G46_14 Datasheet
5Mb / 1286P
Atmel | SMART ARM-based Embedded MPU
More results


Similar Description - SAM9G46

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM9G45 ATMEL-SAM9G45 Datasheet
1Mb / 55P
ARM-based Embedded MPU
AT91SAM9G35-CU ATMEL-AT91SAM9G35-CU Datasheet
8Mb / 1224P
AT91SAM ARM-based Embbedded MPU
AT91SAM9G45B-CU ATMEL-AT91SAM9G45B-CU Datasheet
5Mb / 1185P
AT91SAM ARM-based Embedded MPU
AT91SAM9G25-CU ATMEL-AT91SAM9G25-CU Datasheet
6Mb / 1102P
AT91SAM ARM-based Embbedded MPU
SAM9G15 ATMEL-SAM9G15_14 Datasheet
5Mb / 1215P
ARM-based Embedded MPU
SAM9G45 ATMEL-SAM9G45_14 Datasheet
341Kb / 53P
AT91SAM ARM-based Embedded MPU
SAM9G35 ATMEL-SAM9G35_14 Datasheet
5Mb / 1293P
ARM-based Embedded MPU
SAM9263 ATMEL-SAM9263_14 Datasheet
4Mb / 1024P
AT91SAM ARM-based Embedded MPU
SAMA5D3 ATMEL-SAMA5D3_14 Datasheet
7Mb / 1840P
ARM-based Embedded MPU
SAM9260 ATMEL-SAM9260_14 Datasheet
5Mb / 784P
AT91SAM ARM-based Embbedded MPU
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com