Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC74VCX16374 Datasheet (PDF) - Motorola, Inc

MC74VCX16374 Datasheet PDF - Motorola, Inc
Part # MC74VCX16374
Download  MC74VCX16374 Download
File Size   142.42 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT D-TYPE FLIP-FLOP

MC74VCX16374 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74VCX16374 Datasheet PDF - Motorola, Inc

Part # MC74VCX16374
Download  MC74VCX16374 Click to download

File Size   142.42 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT D-TYPE FLIP-FLOP

MC74VCX16374 Datasheet (HTML) - Motorola, Inc


MC74VCX16374 Product details

Low–Voltage 1.8/2.5/3.3V 16–Bit D–Type Flip–Flop
With 3.6V-Tolerant Inputs and Outputs (3-State, Non-Inverting)

The MC74VCX16374 is an advanced performance, non–inverting 16–bit D–type flip–flop. It is designed for very high–speed, very low–power operation in 1.8V, 2.5V or 3.3V systems. The VCX16374 is byte controlled, with each byte functioning identically, but independently. Each byte has separate Output Enable and Clock Pulse inputs. These control pins can be tied together for full 16–bit operation.
When operating at 2.5V (or 1.8V) the part is designed to tolerate voltages it may encounter on either inputs or outputs when interfacing to 3.3V busses. It is guaranteed to be over–voltage tolerant to 3.6V.

• Designed for Low Voltage Operation: VCC = 1.8–3.6V
• 3.6V Tolerant Inputs and Outputs
• High Speed Operation: 3.0ns max for 3.0 to 3.6V
                                        3.9ns max for 2.3 to 2.7V
                                        6.0ns max for 1.8V
• Static Drive: ±24mA Drive at 3.0V
                       ±18mA Drive at 2.3V
                       ±6mA Drive at 1.8V
• Supports Live Insertion and Withdrawal
• IOFF Specification Guarantees High Impedance When VCC = 0V
• Near Zero Static Supply Current in All Three Logic States (20µA)
   Substantially Reduces System Power Requirements
• Latchup Performance Exceeds ±300mA
• ESD Performance: Human Body Model >2000V; Machine Model >200V




Similar Part No. - MC74VCX16374

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VCX16373 MOTOROLA-MC74VCX16373 Datasheet
141Kb / 8P
LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSPARENT LATCH
MC74VCX16373DT MOTOROLA-MC74VCX16373DT Datasheet
141Kb / 8P
LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSPARENT LATCH
More results


Similar Description - MC74VCX16374

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX16374 MOTOROLA-MC74LCX16374 Datasheet
123Kb / 6P
LOW-VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP
MC74VCX16244 MOTOROLA-MC74VCX16244 Datasheet
134Kb / 8P
LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT BUFFER
MC74VCX16245 MOTOROLA-MC74VCX16245 Datasheet
137Kb / 8P
LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSCEIVER
MC74VCX16373 MOTOROLA-MC74VCX16373 Datasheet
141Kb / 8P
LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSPARENT LATCH
logo
NXP Semiconductors
74ABT16273 PHILIPS-74ABT16273 Datasheet
85Kb / 10P
16-bit D-type flip-flop
1998 Feb 27
logo
ON Semiconductor
74VCXH16245 ONSEMI-74VCXH16245 Datasheet
91Kb / 8P
Low-Voltage 1.8/2.5/3.3V 16-Bit Transceiver
May, 2004 ??Rev. 3
logo
Toshiba Semiconductor
TC74VCXH162374FT TOSHIBA-TC74VCXH162374FT Datasheet
176Kb / 13P
Low-Voltage 16-Bit D-Type Flip-Flop with Bushold
logo
ON Semiconductor
74VCX16373 ONSEMI-74VCX16373 Datasheet
102Kb / 10P
Low-Voltage 1.8/2.5/3.3V 16-Bit Transparent Latch
November, 2004 ??Rev. 5
logo
Toshiba Semiconductor
TC74VCXH16374FT TOSHIBA-TC74VCXH16374FT Datasheet
217Kb / 14P
Low-Voltage 16-Bit D-Type Flip-Flop with Bushold
logo
ON Semiconductor
MC74LCX16374 ONSEMI-MC74LCX16374_12 Datasheet
133Kb / 7P
Low-Voltage CMOS 16-Bit D-Type Flip-Flop
July, 2012 ??Rev. 9
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com