Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4051-2_VB Datasheet (PDF) - Analog Devices

ADA4051-2_VB Datasheet PDF - Analog Devices
Part # ADA4051-2_VB
Download  ADA4051-2_VB Download
File Size   153.42 Kbytes
Page   5 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, Level Shifted Low Side Current Monitor for Negative High Voltage Rails

ADA4051-2_VB Datasheet (PDF)

Go To PDF Page Download Datasheet
ADA4051-2_VB Datasheet PDF - Analog Devices

Part # ADA4051-2_VB
Download  ADA4051-2_VB Click to download

File Size   153.42 Kbytes
Page   5 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, Level Shifted Low Side Current Monitor for Negative High Voltage Rails

ADA4051-2_VB Datasheet (HTML) - Analog Devices


ADA4051-2_VB Product details

Low Cost, Level Shifted Low Side Current Monitor for Negative High Voltage Rails

The measurement result from the AD7171 is provided as a digital code utilizing a simple 2-wire, SPI-compatible serial interface. The entire circuit operates on a single +3.3 V supply. Optional galvanic isolation is provided by the ADuM5402 quad channel isolator. In addition to isolating the output data, the ADuM5402 digital isolator can also supply isolated +3.3 V for the circuit. The ADuM5402 is not required for normal circuit operation unless galvanic isolation is needed.

This combination of parts provides a accurate high voltage negative rail current sense solution with a small component count, low cost, and low power. The accuracy of the measurement is primarily determined by resistor tolerances and the accuracy of the band gap reference, and is typically better than 1%.




Similar Part No. - ADA4051-2_VB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4051-2ACPZ-R2 AD-ADA4051-2ACPZ-R2 Datasheet
620Kb / 20P
1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
REV. B
ADA4051-2ACPZ-R2 AD-ADA4051-2ACPZ-R2 Datasheet
669Kb / 22P
1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amps
Rev. C
ADA4051-2ACPZ-R2 AD-ADA4051-2ACPZ-R2 Datasheet
654Kb / 22P
1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amps
Rev. C
ADA4051-2ACPZ-R7 AD-ADA4051-2ACPZ-R7 Datasheet
620Kb / 20P
1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
REV. B
ADA4051-2ACPZ-R7 AD-ADA4051-2ACPZ-R7 Datasheet
669Kb / 22P
1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amps
Rev. C
More results


Similar Description - ADA4051-2_VB

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1021 ZETEX-ZXCT1021 Datasheet
100Kb / 6P
LOW OFFSET HIGH-SIDE CURRENT MONITOR
ZXCT1022 ZETEX-ZXCT1022 Datasheet
100Kb / 6P
LOW OFFSET HIGH-SIDE CURRENT MONITOR
ZXCT1011 ZETEX-ZXCT1011 Datasheet
289Kb / 8P
High-side low drift current monitor
logo
Analog Devices
ADM4073 AD-ADM4073 Datasheet
263Kb / 12P
Low Cost, Voltage Output, High-Side, Current-Sense Amplifier
7/06-Revision 0
logo
Zetex Semiconductors
ZXCT1021 ZETEX-ZXCT1021_06 Datasheet
326Kb / 8P
Low offset high-side current monitor
ZXCT1022 ZETEX-ZXCT1022_07 Datasheet
231Kb / 8P
Low offset high-side current monitor
logo
Diodes Incorporated
ZXCT1011 DIODES-ZXCT1011 Datasheet
295Kb / 8P
High-side low drift current monitor
JULY 2005
ZXCT1021 DIODES-ZXCT1021 Datasheet
390Kb / 8P
Low offset high-side current monitor
JULY 2007
ZXCT1022 DIODES-ZXCT1022 Datasheet
202Kb / 8P
Low offset high-side current monitor
MARCH 2008
logo
Analog Devices
ADM4073 AD-ADM4073_15 Datasheet
284Kb / 12P
Low Cost, Voltage Output, High-Side, Current-Sense Amplifier
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com