Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSOP-6 Datasheet (PDF) - Vishay Siliconix

TSOP-6 Datasheet PDF - Vishay Siliconix
Part # TSOP-6
Download  TSOP-6 Download
File Size   210.0 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive N-Channel 20 V (D-S) 175 °C MOSFET

TSOP-6 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSOP-6 Datasheet PDF - Vishay Siliconix

Part # TSOP-6
Download  TSOP-6 Click to download

File Size   210.0 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive N-Channel 20 V (D-S) 175 °C MOSFET

TSOP-6 Datasheet (HTML) - Vishay Siliconix




Similar Part No. - TSOP-6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP-6 VISHAY-TSOP-6 Datasheet
214Kb / 11P
Automotive N-Channel 40 V (D-S) 175 °C MOSFET
07-Nov-11
TSOP-6 VISHAY-TSOP-6 Datasheet
213Kb / 11P
Automotive P-Channel 40 V (D-S) 175 °C MOSFET
07-Nov-11
TSOP-6 VISHAY-TSOP-6 Datasheet
211Kb / 11P
Automotive N-Channel 60 V (D-S) 175 °C MOSFET
07-Nov-11
TSOP-6 VISHAY-TSOP-6 Datasheet
211Kb / 11P
Automotive P-Channel 60 V (D-S) 175 °C MOSFET
07-Nov-11
TSOP-6 VISHAY-TSOP-6 Datasheet
211Kb / 11P
Automotive N-Channel 20 V (D-S) 175 °C MOSFET
07-Nov-11
More results


Similar Description - TSOP-6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ3442EV VISHAY-SQ3442EV Datasheet
211Kb / 11P
Automotive N-Channel 20 V (D-S) 175 °C MOSFET
07-Nov-11
SQ2310ES VISHAY-SQ2310ES_15 Datasheet
223Kb / 11P
Automotive N-Channel 20 V (D-S) 175 °C MOSFET
07-Nov-11
SQ3460EV VISHAY-SQ3460EV_15 Datasheet
209Kb / 12P
Automotive N-Channel 20 V (D-S) 175 °C MOSFET
05-Dec-11
SQM120N02-1M3L VISHAY-SQM120N02-1M3L_15 Datasheet
172Kb / 10P
Automotive N-Channel 20 V (D-S) 175 °C MOSFET
17-Oct-11
SQS420EN VISHAY-SQS420EN_15 Datasheet
1Mb / 14P
Automotive N-Channel 20 V (D-S) 175 °C MOSFET
31-Oct-11
SQS420EN VISHAY-SQS420EN Datasheet
1Mb / 14P
Automotive N-Channel 20 V (D-S) 175 °C MOSFET
31-Oct-11
SQS420EN VISHAY-SQS420EN_V02 Datasheet
1Mb / 12P
Automotive N-Channel 20 V (D-S) 175 °C MOSFET
31-Oct-11
SQ3460EV VISHAY-SQ3460EV_V02 Datasheet
274Kb / 9P
Automotive N-Channel 20 V (D-S) 175 °C MOSFET
05-Dec-11
SQ2310ES VISHAY-SQ2310ES_V02 Datasheet
207Kb / 9P
Automotive N-Channel 20 V (D-S) 175 °C MOSFET
15-Nov-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com