Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2003 Datasheet (PDF) - Schurter Inc.

2003 Datasheet PDF - Schurter Inc.
Part # 2003
Download  2003 Download
File Size   379.57 Kbytes
Page   2 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description EU Power Supply Cord with IEC Connector C13, V-Lock, straight

2003 Datasheet (PDF)

Go To PDF Page Download Datasheet
2003 Datasheet PDF - Schurter Inc.

Part # 2003
Download  2003 Click to download

File Size   379.57 Kbytes
Page   2 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description EU Power Supply Cord with IEC Connector C13, V-Lock, straight

2003 Datasheet (HTML) - Schurter Inc.


2003 Product details

Description
- Power Cord, Protection class I, Pin temperature 70 °C,
- with V-Lock interlocking system




Similar Part No. - 2003

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2003 ALLEGRO-2003 Datasheet
176Kb / 10P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
XFMRS Inc.
2003 XFMRS-2003 Datasheet
28Kb / 2P
HIGH QUALITY NETWORKING TRANSFORMERS
logo
Bourns Electronic Solut...
2003 BOURNS-2003 Datasheet
429Kb / 3P
Gas Discharge Tube Surge Protector
logo
Heyco.
2003 HEYCO-2003 Datasheet
133Kb / 1P
Snap Bushings
logo
Adafruit Industries
2003 ADAFRUIT-2003 Datasheet
253Kb / 2P
Silicone Cover Stranded-Core Wire - 2m 30AWG Black
More results


Similar Description - 2003

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2083 SCHURTER-2083 Datasheet
382Kb / 2P
EU Power Supply Cord with IEC Connector C13, V-Lock, straight
6051.2003 SCHURTER-6051.2003 Datasheet
436Kb / 2P
EU Power Supply Cord with IEC Connector C13, V-Lock, straight
6051.2003 SCHURTER-6051.2003_18 Datasheet
305Kb / 3P
EU Power Supply Cord with IEC Connector C13, V-Lock, straight
6051.2063 SCHURTER-6051.2063 Datasheet
243Kb / 3P
EU Power Supply Cord with IEC Connector C13, V-Lock, straight
6051.2093 SCHURTER-6051.2093 Datasheet
304Kb / 3P
EU Power Supply Cord with IEC Connector C13, V-Lock
6051.2153 SCHURTER-6051.2153 Datasheet
305Kb / 3P
EU Power Supply Cord with IEC Connector C13, V-Lock
6051.2154 SCHURTER-6051.2154 Datasheet
304Kb / 3P
EU Power Supply Cord with IEC Connector C13, V-Lock
6051.2183 SCHURTER-6051.2183 Datasheet
306Kb / 3P
EU Power Supply Cord with IEC Connector C13, V-Lock, straight
6051.2063 SCHURTER-6051.2063_V01 Datasheet
366Kb / 3P
EU Power Supply Cord with IEC Connector C13, V-Lock, straight
6051.2153 SCHURTER-6051.2153_V01 Datasheet
429Kb / 3P
EU Power Supply Cord with IEC Connector C13, V-Lock
16.09.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com