Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC11 Datasheet (PDF) - Schurter Inc.

EC11 Datasheet PDF - Schurter Inc.
Part # EC11
Download  EC11 Download
File Size   344.71 Kbytes
Page   2 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description UK Power Cord with IEC Appliance Connector C19, V-Lock, straight

EC11 Datasheet (PDF)

Go To PDF Page Download Datasheet
EC11 Datasheet PDF - Schurter Inc.

Part # EC11
Download  EC11 Click to download

File Size   344.71 Kbytes
Page   2 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description UK Power Cord with IEC Appliance Connector C19, V-Lock, straight

EC11 Datasheet (HTML) - Schurter Inc.


EC11 Product details

Description
- Power Cord, Protection class I, Pin temperature 70 °C,
- with V-Lock interlocking system
- with fuse 13 A




Similar Part No. - EC11

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC11 ECLIPTEK-EC11 Datasheet
218Kb / 4P
OSCILLATOR
logo
ALPS ELECTRIC CO.,LTD.
EC11 ALPS-EC11 Datasheet
596Kb / 9P
11mm Size Metal Shaft Type
logo
Schurter Inc.
EC11 SCHURTER-EC11 Datasheet
445Kb / 4P
IEC Appliance Inlet C20 with Line Switch, 1- or 2-pole
EC11 SCHURTER-EC11 Datasheet
346Kb / 2P
US Power Cord with IEC Appliance Connector C19, V-Lock, straight
EC11 SCHURTER-EC11 Datasheet
366Kb / 2P
EU Power Cord with IEC Appliance Connector C19, V-Lock, straight
More results


Similar Description - EC11

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2047 SCHURTER-2047 Datasheet
364Kb / 2P
IEC Interconnection Cord with IEC Appliance Connector C19, V-Lock, straight
2050 SCHURTER-2050 Datasheet
373Kb / 2P
AU Power Cord with IEC Appliance Connector C19, V-Lock, straight
2051 SCHURTER-2051 Datasheet
370Kb / 2P
JP Power Cord with IEC Appliance Connector C19, V-Lock, straight
2052 SCHURTER-2052 Datasheet
392Kb / 2P
CN Power Cord with IEC Appliance Connector C19, V-Lock, straight
6051.2041 SCHURTER-6051.2041 Datasheet
403Kb / 2P
US Power Cord with IEC Appliance Connector C19, V-Lock, straight
6051.2047 SCHURTER-6051.2047 Datasheet
287Kb / 3P
IEC Interconnection Cord with IEC Appliance Connector C19, V-Lock, straight
6051.2048 SCHURTER-6051.2048 Datasheet
336Kb / 3P
UK Power Cord with IEC Appliance Connector C19, V-Lock, straight
6051.2050 SCHURTER-6051.2050 Datasheet
305Kb / 3P
AU Power Cord with IEC Appliance Connector C19, V-Lock, straight
6051.2051 SCHURTER-6051.2051 Datasheet
301Kb / 3P
JP Power Cord with IEC Appliance Connector C19, V-Lock, straight
6051.2052 SCHURTER-6051.2052_V01 Datasheet
314Kb / 3P
CN Power Cord with IEC Appliance Connector C19, V-Lock, straight
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com