Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2625 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

2SC2625 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 2SC2625
Download  2SC2625 Download
File Size   128.02 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE, HIGH SPEED SWITCHING

2SC2625 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC2625 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 2SC2625
Download  2SC2625 Click to download

File Size   128.02 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE, HIGH SPEED SWITCHING

2SC2625 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


2SC2625 Product details

SWITCHMODE SERIES NPN POWER TRANSISTORS

... designed for use in high-voltage,high-speed,power switching in inductive circuit, and swrtchmode applications such as switching regulator*s,converters.

FEATURES:
* Collector-Emitter Sustaining Voltage VCEO(sus) = 400 V (Min)
* Collector-Emitter Saturation Voltage - VCE(aat) = 1.2 V (Max.) @ Ic = 4.0 A, IB = 0.8A
* Switching Time -tf = 1.0 us(Max.) @ Ic = 5.0 A




Similar Part No. - 2SC2625

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SC2625 MOSPEC-2SC2625 Datasheet
129Kb / 3P
POWER TRANSISTORS(10A,400V,80W)
logo
List of Unclassifed Man...
2SC2625 ETC-2SC2625 Datasheet
105Kb / 1P
MOLD TYPE BIPOLAR TRANSISTORS
logo
Fuji Electric
2SC2625 FUJI-2SC2625 Datasheet
106Kb / 3P
TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE HIGH SPEED SWITCHING
logo
List of Unclassifed Man...
2SC2625 ETC1-2SC2625 Datasheet
81Kb / 2P
High speed switching transistor
logo
Unisonic Technologies
2SC2625 UTC-2SC2625 Datasheet
98Kb / 3P
HIGH VOLTAGE HIGH SPEED SWITCHING
More results


Similar Description - 2SC2625

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2SC4276 FUJI-2SC4276 Datasheet
111Kb / 2P
TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE,HIGH SPEED SWITCHING
2SC3318 FUJI-2SC3318 Datasheet
109Kb / 2P
TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE HIGH SPEED SWITCHING
2SC3320 FUJI-2SC3320 Datasheet
109Kb / 3P
TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE HIGH SPEED SWITCHING
2SC2656 FUJI-2SC2656 Datasheet
124Kb / 4P
TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE HIGH SPEED SWITCHING
2SC3549 FUJI-2SC3549 Datasheet
129Kb / 4P
TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE HIGH SPEED SWITCHING
ET401R FUJI-ET401R Datasheet
205Kb / 2P
TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE,HIGH SPEED SWITCHING
2SC3318 FUJI-2SC3318 Datasheet
216Kb / 2P
TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE,HIGH SPEED SWITCHING
2SC2625 FUJI-2SC2625 Datasheet
106Kb / 3P
TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE HIGH SPEED SWITCHING
2SC3551 FUJI-2SC3551 Datasheet
235Kb / 2P
TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE,HIGH SPEED SWITCHING
logo
New Jersey Semi-Conduct...
2SC4622 NJSEMI-2SC4622 Datasheet
134Kb / 1P
TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE, HIGH SPEED SWITCHING
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com