Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC78FC50HT1 Datasheet (PDF) - Motorola, Inc

MC78FC50HT1 Datasheet PDF - Motorola, Inc
Part # MC78FC50HT1
Download  MC78FC50HT1 Download
File Size   90.0 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description MICROPOWER ULTRA.LOW QUIESCENT CURRENT VOLTAGE REGULATORS

MC78FC50HT1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC78FC50HT1 Datasheet PDF - Motorola, Inc

Part # MC78FC50HT1
Download  MC78FC50HT1 Click to download

File Size   90.0 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description MICROPOWER ULTRA.LOW QUIESCENT CURRENT VOLTAGE REGULATORS

MC78FC50HT1 Datasheet (HTML) - Motorola, Inc


MC78FC50HT1 Product details

The MC78FC00 series voltage regulators are specifically designed for use as a power source for video instruments, handheld communication equipment, and battery powered equipment.
The MC78FC00 series voltage regulator ICs feature a high accuracy output voltage and ultra–low quiescent current. Each device contains a voltage reference unit, an error amplifier, a driver transistor, and resistors for setting output voltage, and a current limit circuit. These devices are available in SOT–89 surface mount packages, and allow construction of an efficient, constant voltage power supply circuit.

MC78FC00 Series Features:
• Ultra–Low Quiescent Current of 1.1 µA Typical
• Ultra–Low Dropout Voltage (100 mV at 10 mA)
• Large Output Current (up to 120 mA)
• Excellent Line Regulation (0.1%)
• Wide Operating Voltage Range (2.0 V to 10 V)
• High Accuracy Output Voltage (±2.5%)
• Wide Output Voltage Range (2.0 V to 6.0 V)
• Surface Mount Package (SOT–89)




Similar Part No. - MC78FC50HT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78FC50HT1 ONSEMI-MC78FC50HT1 Datasheet
84Kb / 4P
MICROPOWER ULTRA.LOW QUIESCENT CURRENT VOLTAGE REGULATORS
April, 2001 ??Rev. 2
MC78FC50HT1 ONSEMI-MC78FC50HT1 Datasheet
55Kb / 8P
Micropower Voltage Regulator
April, 2001 ??Rev. 2
MC78FC50HT1G ONSEMI-MC78FC50HT1G Datasheet
145Kb / 5P
Micropower Voltage Regulator
December, 2009 ??Rev. 7
More results


Similar Description - MC78FC50HT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78LC00 MOTOROLA-MC78LC00 Datasheet
117Kb / 8P
MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS
logo
ON Semiconductor
MC78FC00 ONSEMI-MC78FC00 Datasheet
84Kb / 4P
MICROPOWER ULTRA.LOW QUIESCENT CURRENT VOLTAGE REGULATORS
April, 2001 ??Rev. 2
MC78LC00 ONSEMI-MC78LC00 Datasheet
104Kb / 14P
MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS
March, 2005 ??Rev. 8
logo
Linear Technology
LT1521 LINER-LT1521 Datasheet
294Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
logo
Linear Dimensions Semic...
LT1521CS8-3-PBF LINEAR_DIMENSIONS-LT1521CS8-3-PBF Datasheet
210Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
logo
Linear Technology
LT1521 LINER-LT1521_15 Datasheet
210Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521-3.3 LINER-LT1521-3.3_15 Datasheet
210Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521-3 LINER-LT1521-3_15 Datasheet
210Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-3.3 LINER-LT1529-3.3_15 Datasheet
155Kb / 12P
3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-5 LINER-LT1529-5_15 Datasheet
155Kb / 12P
3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com