Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2411 Datasheet (PDF) - Shenzhen Jin Yu Semiconductor Co., Ltd.

2SC2411 Datasheet PDF - Shenzhen Jin Yu Semiconductor Co., Ltd.
Part # 2SC2411
Download  2SC2411 Download
File Size   648.9 Kbytes
Page   2 Pages
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.
Description TRANSISOR(NPN)

2SC2411 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC2411 Datasheet PDF - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # 2SC2411
Download  2SC2411 Click to download

File Size   648.9 Kbytes
Page   2 Pages
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.
Description TRANSISOR(NPN)

2SC2411 Datasheet (HTML) - Shenzhen Jin Yu Semiconductor Co., Ltd.


2SC2411 Product details

FEATURES

• High ICMax.ICMax. = 0.5mA

• Low VCE(sat).Optimal for low voltage operation.

• Complements the 2SA1036



 




Similar Part No. - 2SC2411

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
2SC2411 BILIN-2SC2411 Datasheet
436Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
logo
SeCoS Halbleitertechnol...
2SC2411 SECOS-2SC2411 Datasheet
230Kb / 2P
NPN Transistor Plastic-Encapsulate Transi stors
logo
GUANGDONG HOTTECH INDUS...
2SC2411 HOTTECH-2SC2411 Datasheet
189Kb / 2P
Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
2SC2411 BILIN-2SC2411 Datasheet
189Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
logo
Jiangsu Changjiang Elec...
2SC2411 JIANGSU-2SC2411 Datasheet
1Mb / 4P
SOT-23 Plastic-Encapsulate Transistors
More results


Similar Description - 2SC2411

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3585 NEC-2SC3585 Datasheet
103Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISOR
logo
International Rectifier
IRG4BC40F IRF-IRG4BC40F Datasheet
167Kb / 8P
INSULATED GATE BIPOLAR TRANSISOR(Vces=600V, Vce(on)typ.=1.50V, @Vge=15V, Ic=27A)
logo
Isahaya Electronics Cor...
2SC5211 ISAHAYA-2SC5211 Datasheet
60Kb / 3P
SILICON NPN TRANSISOR
logo
International Rectifier
IRG4P254S IRF-IRG4P254S Datasheet
134Kb / 8P
INSULATED GATE BIPOLAR TRANSISOR
logo
M/A-COM Technology Solu...
PH1090-15L MA-COM-PH1090-15L Datasheet
150Kb / 4P
Avionics Pulsed Power Transisor 15W, 1030 - 1090MHz
logo
Shenzhen Jin Yu Semicon...
2SD2142 HTSEMI-2SD2142 Datasheet
430Kb / 1P
TRANSISOR (NPN)
2SD2413 HTSEMI-2SD2413 Datasheet
585Kb / 2P
TRANSISOR (NPN)
logo
Renesas Technology Corp
2SC3585 RENESAS-2SC3585 Datasheet
321Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISOR
2SC3585 RENESAS-2SC3585_15 Datasheet
321Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISOR
logo
Texas Instruments
ULN2004AI TI1-ULN2004AI_14 Datasheet
927Kb / 17P
HIGH-VOLTAGE HIGH CURRENT DARLINTON TRANSISOR ARRAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com