Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB101S Datasheet (PDF) - Rugao Dachang Electronics Co., Ltd

DB101S Datasheet PDF - Rugao Dachang Electronics Co., Ltd
Part # DB101S
Download  DB101S Download
File Size   126.92 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Surface Mount Bridge-Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0 A

DB101S Datasheet (PDF)

Go To PDF Page Download Datasheet
DB101S Datasheet PDF - Rugao Dachang Electronics Co., Ltd

Part # DB101S
Download  DB101S Click to download

File Size   126.92 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Surface Mount Bridge-Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0 A

DB101S Datasheet (HTML) - Rugao Dachang Electronics Co., Ltd


DB101S Product details

Reverse Voltage 50 to 1000V
Forward Current 1.0 A

Features
· High tempererature soldering guaranteed: 260℃/10 秒 260℃/10 seconds
· High surge current Capability
· Lead and body according with RoHS standard




Similar Part No. - DB101S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DB101S RECTRON-DB101S Datasheet
20Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Bytes
DB101S BYTES-DB101S Datasheet
150Kb / 2P
SINGLE PHASE 1.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Dc Components
DB101S DCCOM-DB101S Datasheet
424Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Formosa MS
DB101S FORMOSA-DB101S Datasheet
68Kb / 2P
Glass passivated type
logo
List of Unclassifed Man...
DB101S ETC-DB101S Datasheet
61Kb / 2P
Single Phase 1.0 A Glass Passivated Bridge Rectifiers
More results


Similar Description - DB101S

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
DB101 DACHANG-DB101 Datasheet
131Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0 A
DB151 DACHANG-DB151 Datasheet
131Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 1.5 A
DB151S DACHANG-DB151S Datasheet
126Kb / 2P
Surface Mount Bridge-Rectifier Reverse Voltage 50 to 1000V Forward Current 1.5 A
GBU4A DACHANG-GBU4A Datasheet
155Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 4 A
GBU6A DACHANG-GBU6A Datasheet
155Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 6 A
GBU8A DACHANG-GBU8A Datasheet
155Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 8 A
GBU10A DACHANG-GBU10A Datasheet
155Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 10 A
RS1A DACHANG-RS1A Datasheet
119Kb / 2P
Surface Mount Fast Recover Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
logo
Gaomi Xinghe Electronic...
M1 GXELECTRONICS-M1 Datasheet
469Kb / 2P
Surface Mount General Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
logo
AiT Semiconductor Inc.
DB201S AITSEMI-DB201S Datasheet
533Kb / 5P
BRIDGE RECTIFIER REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT 2.0 A
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com