Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC857S Datasheet (PDF) - Shenzhen Jin Yu Semiconductor Co., Ltd.

BC857S Datasheet PDF - Shenzhen Jin Yu Semiconductor Co., Ltd.
Part # BC857S
Download  BC857S Download
File Size   3095.71 Kbytes
Page   1 Pages
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.
Description Multi-Chip TRANSISTOR (PNP)

BC857S Datasheet (PDF)

Go To PDF Page Download Datasheet
BC857S Datasheet PDF - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # BC857S
Download  BC857S Click to download

File Size   3095.71 Kbytes
Page   1 Pages
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.
Description Multi-Chip TRANSISTOR (PNP)

BC857S Datasheet (HTML) - Shenzhen Jin Yu Semiconductor Co., Ltd.


BC857S Product details

FEATURES
    Power dissipation PCM : 300 mW(Tamb=25℃)
    Collector current ICM : -200 mA
    Collector-base voltage V(BR)CBO : -50 V
    Operating and storage junction temperature range TJ,Tstg: -55℃to +150℃




Similar Part No. - BC857S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC857S SIEMENS-BC857S Datasheet
159Kb / 6P
PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
BC857S INFINEON-BC857S Datasheet
57Kb / 6P
PNP Silicon AF Transistor Array
Nov-29-2001
logo
Diotec Semiconductor
BC857S DIOTEC-BC857S Datasheet
73Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
Fairchild Semiconductor
BC857S FAIRCHILD-BC857S Datasheet
51Kb / 5P
PNP Multi-Chip General Purpose Amplifier
logo
Diotec Semiconductor
BC857S DIOTEC-BC857S Datasheet
108Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Double-Transistors
More results


Similar Description - BC857S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC6901A TOSHIBA-TPC6901A Datasheet
233Kb / 7P
Multi-Chip Transistor Silicon NPN / PNP Epitaxial Type
TPC6902 TOSHIBA-TPC6902 Datasheet
204Kb / 7P
Multi-Chip Transistor Silicon NPN / PNP Epitaxial Type
logo
SeCoS Halbleitertechnol...
MMDT5401 SECOS-MMDT5401 Datasheet
533Kb / 2P
Multi-Chip (PNPPNP) Transistor
MMDT2907A SECOS-MMDT2907A Datasheet
2Mb / 3P
PNP Silicon Multi-Chip Transistor
logo
SHENZHEN YONGERJIA INDU...
MMDT5451 WINNERJOIN-MMDT5451 Datasheet
83Kb / 2P
Multi-Chip General Purpose TRANSISTOR (PNP and NPN)
MMDT3906 WINNERJOIN-MMDT3906 Datasheet
176Kb / 1P
Multi-Chip TRANSISTOR (PNP)
MMDT2227 WINNERJOIN-MMDT2227 Datasheet
209Kb / 2P
Multi-Chip TRANSISTOR (NPN/PNP)
logo
SeCoS Halbleitertechnol...
BC847PN SECOS-BC847PN_15 Datasheet
699Kb / 3P
NPN - PNP Silicon Multi-Chip Transistor
logo
SHENZHEN YONGERJIA INDU...
MMDT3906 WINNERJOIN-MMDT3906_15 Datasheet
176Kb / 1P
PNP Multi-Chip TRANSISTOR
logo
SeCoS Halbleitertechnol...
BC847PNW SECOS-BC847PNW Datasheet
523Kb / 6P
NPN / PNP Multi-Chip Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com