Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR10A40 Datasheet (PDF) - Rugao Dachang Electronics Co., Ltd

DFR10A40 Datasheet PDF - Rugao Dachang Electronics Co., Ltd
Part # DFR10A40
Download  DFR10A40 Download
File Size   149.21 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Plastic Ultra-Fast Recover Rectifier Reverse Voltage 200 to 600 V Forward Current 10 A

DFR10A40 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFR10A40 Datasheet PDF - Rugao Dachang Electronics Co., Ltd

Part # DFR10A40
Download  DFR10A40 Click to download

File Size   149.21 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Plastic Ultra-Fast Recover Rectifier Reverse Voltage 200 to 600 V Forward Current 10 A

DFR10A40 Datasheet (HTML) - Rugao Dachang Electronics Co., Ltd


DFR10A40 Product details

Reverse Voltage 200 to 600 V

Forward Current 10 A



Features

· Low Power Loss,High Efficiency

· Low Forward Voltage Drop

· High Current Capability

· Lead and body according with RoHS standard




Similar Part No. - DFR10A40

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
DFR10A40 DACHANG-DFR10A40 Datasheet
149Kb / 2P
Plastic Ultra-Fast Recover Rectifier
DFR10A40CT DACHANG-DFR10A40CT Datasheet
137Kb / 2P
Plastic Ultra-Fast Recover Rectifier Reverse Voltage 200 to 600 V Forward Current 10 A
DFR10A40CT DACHANG-DFR10A40CT Datasheet
137Kb / 2P
Plastic Ultra-Fast Recover Rectifier
logo
Thinki Semiconductor Co...
DFR10A40CT THINKISEMI-DFR10A40CT Datasheet
678Kb / 2P
10 Ampere Insulated Common Cathode Fast Recovery Half Bridge Rectifiers
DFR10A40CTA THINKISEMI-DFR10A40CTA Datasheet
681Kb / 2P
10 Ampere Insulated Common Anode Fast Recovery Half Bridge Rectifiers
More results


Similar Description - DFR10A40

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
DFR05A20 DACHANG-DFR05A20 Datasheet
149Kb / 2P
Plastic Ultra-Fast Recover Rectifier Reverse Voltage 200 to 600 V Forward Current 5 A
DFR10A20CT DACHANG-DFR10A20CT Datasheet
137Kb / 2P
Plastic Ultra-Fast Recover Rectifier Reverse Voltage 200 to 600 V Forward Current 10 A
DFR15A20 DACHANG-DFR15A20 Datasheet
165Kb / 2P
Plastic Ultra-Fast Recover Rectifier Reverse Voltage 200 to 600 V Forward Current 15 A
DFR20A20CT DACHANG-DFR20A20CT Datasheet
137Kb / 2P
Plastic Ultra-Fast Recover Rectifier Reverse Voltage 200 to 600 V Forward Current 20 A
DFRF05A20 DACHANG-DFRF05A20 Datasheet
149Kb / 2P
Plastic Ultra-Fast Recover Rectifier Reverse Voltage 200 to 600 V Forward Current 5 A
DFRF10A20 DACHANG-DFRF10A20 Datasheet
147Kb / 2P
Plastic Ultra-Fast Recover Rectifier Reverse Voltage 200 to 600 V Forward Current 10 A
DFRF20A20CT DACHANG-DFRF20A20CT Datasheet
126Kb / 2P
Plastic Ultra-Fast Recover Rectifier Reverse Voltage 200 to 600 V Forward Current 20 A
DUFF10A60 DACHANG-DUFF10A60 Datasheet
148Kb / 2P
Plastic Ultra-Fast Recover Rectifier Reverse Voltage 600 V Forward Current 10 A
DUFF10A60CT DACHANG-DUFF10A60CT Datasheet
139Kb / 2P
Plastic Ultra-Fast Recover Rectifier Reverse Voltage 600 V Forward Current 10 A
DFRF10A20CT DACHANG-DFRF10A20CT Datasheet
126Kb / 2P
Plastic Ultra-Fast Recover Rectifier Reverse Voltage 200 to 600 V Forward Current 10 A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com