Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX84C2V2 Datasheet (PDF) - Shenzhen Jin Yu Semiconductor Co., Ltd.

BZX84C2V2 Datasheet PDF - Shenzhen Jin Yu Semiconductor Co., Ltd.
Part # BZX84C2V2
Download  BZX84C2V2 Download
File Size   712.17 Kbytes
Page   3 Pages
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.
Description SILICON PLANAR ZENER DIODES

BZX84C2V2 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX84C2V2 Datasheet PDF - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # BZX84C2V2
Download  BZX84C2V2 Click to download

File Size   712.17 Kbytes
Page   3 Pages
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.
Description SILICON PLANAR ZENER DIODES

BZX84C2V2 Datasheet (HTML) - Shenzhen Jin Yu Semiconductor Co., Ltd.


BZX84C2V2 Product details

This series of Zener diodes is offered in the convenient, surface mount plastic SOT-23 package. These devices are designed to provide voltage regulation with minimum space requirement. They are well suited for applications such as cellular phones, hand held portables, and high density PC boards.



Features

• Zener breakdown voltage range – 2.0 V to 75 V

• Package designed for optimal automated board assembly

• Small package size for high density applications



 




Similar Part No. - BZX84C2V2

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
BZX84C2V2 SEMTECH_ELEC-BZX84C2V2 Datasheet
229Kb / 2P
SILICON PLANAR ZENER DIODES
logo
Kingtronics Internation...
BZX84C2V2 KINGTRONICS-BZX84C2V2 Datasheet
403Kb / 3P
BZX84C2V0... BZX84C75 Silicon Planar Zener Diodes
logo
Suntan Capacitors
BZX84C2V2 SUNTAN-BZX84C2V2 Datasheet
136Kb / 3P
Zener breakdown voltage range - 2.0 V to 75 V
logo
KEC(Korea Electronics)
BZX84C2V2 KEC-BZX84C2V2 Datasheet
363Kb / 3P
SEMICONDUCTOR
logo
Zibo Seno Electronic En...
BZX84C2V2 ZSELEC-BZX84C2V2 Datasheet
132Kb / 3P
350mW Silicon Planar Zener Diodes
More results


Similar Description - BZX84C2V2

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Zowie Technology Corpor...
MM3Z5221BH ZOWIE-MM3Z5221BH Datasheet
190Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM1Z2V0 HTSEMI-MM1Z2V0 Datasheet
236Kb / 4P
SILICON PLANAR ZENER DIODES
MM3Z2V2B HTSEMI-MM3Z2V2B Datasheet
675Kb / 4P
Silicon Planar Zener Diodes
ZMM1 HTSEMI-ZMM1 Datasheet
1Mb / 8P
SILICON PLANAR ZENER DIODES
logo
Continental Device Indi...
BZX85C2V7 CDIL-BZX85C2V7 Datasheet
108Kb / 3P
SILICON PLANAR ZENER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com