Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR204 Datasheet (PDF) - Rugao Dachang Electronics Co., Ltd

FR204 Datasheet PDF - Rugao Dachang Electronics Co., Ltd
Part # FR204
Download  FR204 Download
File Size   118.49 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 2.0A

FR204 Datasheet (PDF)

Go To PDF Page Download Datasheet
FR204 Datasheet PDF - Rugao Dachang Electronics Co., Ltd

Part # FR204
Download  FR204 Click to download

File Size   118.49 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 2.0A

FR204 Datasheet (HTML) - Rugao Dachang Electronics Co., Ltd


FR204 Product details

Reverse Voltage 50 to 1000V
Forward Current 2.0A

Features
• Low reverse leakage
• High forward surge capability
• High temperature soldering guaranteed: 260℃/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
• Lead and body according with RoHS standard




Similar Part No. - FR204

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR204 WTE-FR204 Datasheet
46Kb / 3P
2.0A FAST RECOVERY RECTIFIER
logo
Rectron Semiconductor
FR204 RECTRON-FR204 Datasheet
24Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
FR204 JGD-FR204 Datasheet
141Kb / 2P
2.0 AMPS. FAST RECOVRY RECTIFIERS
logo
Bytes
FR204 BYTES-FR204 Datasheet
152Kb / 2P
2.0 AMP FAST RECOVERY RECTIFIERS
logo
Dc Components
FR204 DCCOM-FR204 Datasheet
443Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
More results


Similar Description - FR204

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
FR101 DACHANG-FR101 Datasheet
124Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0A
FR151 DACHANG-FR151 Datasheet
118Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 1.5A
FR151G DACHANG-FR151G Datasheet
119Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 1.5A
FR201G DACHANG-FR201G Datasheet
119Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 2.0A
FR251G DACHANG-FR251G Datasheet
120Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 2.5A
FR301G DACHANG-FR301G Datasheet
119Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 3.0A
FR501 DACHANG-FR501 Datasheet
118Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 5.0A
FR601 DACHANG-FR601 Datasheet
124Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 6.0A
MPG06A DACHANG-MPG06A Datasheet
118Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0A
RGP20A DACHANG-RGP20A Datasheet
119Kb / 2P
Plastic Fast Recover Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com