Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBJ4M Datasheet (PDF) - Rugao Dachang Electronics Co., Ltd

KBJ4M Datasheet PDF - Rugao Dachang Electronics Co., Ltd
Part # KBJ4M
Download  KBJ4M Download
File Size   135.9 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000V Forward Current 4 A

KBJ4M Datasheet (PDF)

Go To PDF Page Download Datasheet
KBJ4M Datasheet PDF - Rugao Dachang Electronics Co., Ltd

Part # KBJ4M
Download  KBJ4M Click to download

File Size   135.9 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000V Forward Current 4 A

KBJ4M Datasheet (HTML) - Rugao Dachang Electronics Co., Ltd


KBJ4M Product details

Reverse Voltage 200 to 1000V Forward Current 4 A

Features
• Low reverse leakage
• High forward surge capability
• Surge overload rating: 120 Amperes peak
• Lead and body according with RoHS standard




Similar Part No. - KBJ4M

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ4M WTE-KBJ4M Datasheet
50Kb / 3P
4.0A BRIDGE RECTIFIER
logo
Dc Components
KBJ4M DCCOM-KBJ4M Datasheet
418Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
DAESAN ELECTRONIC CORP.
KBJ4M DAESAN-KBJ4M Datasheet
240Kb / 2P
CURRENT 4.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
KBJ4M BILIN-KBJ4M Datasheet
137Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Shenzhen Luguang Electr...
KBJ4M LUGUANG-KBJ4M Datasheet
180Kb / 2P
Silicon Bridge Rectifiers
More results


Similar Description - KBJ4M

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
D10SB20 DACHANG-D10SB20 Datasheet
134Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 800V Forward Current 10A
D15SB20 DACHANG-D15SB20 Datasheet
135Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 800V Forward Current 15A
DB101 DACHANG-DB101 Datasheet
131Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0 A
DB151 DACHANG-DB151 Datasheet
131Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 1.5 A
GBU4A DACHANG-GBU4A Datasheet
155Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 4 A
GBU6A DACHANG-GBU6A Datasheet
155Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 6 A
GBU8A DACHANG-GBU8A Datasheet
155Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 8 A
GBU10A DACHANG-GBU10A Datasheet
155Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 10 A
KBJ8A DACHANG-KBJ8A Datasheet
210Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000V Forward Current 8 A
KBJ10A DACHANG-KBJ10A Datasheet
135Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000V Forward Current 10 A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com