Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFQ82 Datasheet (PDF) - Siemens Semiconductor Group

BFQ82 Datasheet PDF - Siemens Semiconductor Group
Part # BFQ82
Download  BFQ82 Download
File Size   400.63 Kbytes
Page   18 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description NPN Silicon RF Transistor (For low-noise, high-gain amplifiers up to 2 GHz. Linear broadband applications at collector currents up to 40 mA.)

BFQ82 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFQ82 Datasheet PDF - Siemens Semiconductor Group

Part # BFQ82
Download  BFQ82 Click to download

File Size   400.63 Kbytes
Page   18 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description NPN Silicon RF Transistor (For low-noise, high-gain amplifiers up to 2 GHz. Linear broadband applications at collector currents up to 40 mA.)

BFQ82 Datasheet (HTML) - Siemens Semiconductor Group


BFQ82 Product details

NPN Silicon RF Transistor

● For low-noise, high-gain amplifiers up to 2 GHz.
● Linear broadband applications at collector currents up to 40 mA.
● Hermetically sealed ceramic package.
● fT = 8 GHz
    F = 1.1 dB at 800 MHz




Similar Part No. - BFQ82

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFQ81 SIEMENS-BFQ81 Datasheet
56Kb / 7P
NPN Silicon RF Transistor (For low-noise amplifiers up to 2GHz and broadband analog and digital applications)
logo
Vishay Siliconix
BFQ81 VISHAY-BFQ81 Datasheet
210Kb / 11P
Silicon NPN Planar RF Transistor
08-Sep-08
logo
Inchange Semiconductor ...
BFQ81 ISC-BFQ81 Datasheet
221Kb / 2P
Silicon NPN Power Transistor
logo
Vishay Siliconix
BFQ81-GS08 VISHAY-BFQ81-GS08 Datasheet
210Kb / 11P
Silicon NPN Planar RF Transistor
08-Sep-08
More results


Similar Description - BFQ82

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFP183 SIEMENS-BFP183 Datasheet
60Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 30 mA)
BFP183R SIEMENS-BFP183R Datasheet
58Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 28 mA)
BFP183W SIEMENS-BFP183W Datasheet
59Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 30 mA)
BFQ29P SIEMENS-BFQ29P Datasheet
228Kb / 10P
NPN Silicon RF Transistor (For low-noise IF and broadband amplifiers up to 1 GHz at collector currents from 1 mA to 20 mA.)
BFQ72 SIEMENS-BFQ72 Datasheet
325Kb / 14P
NPN Silicon RF Transistor (For low-distortion broadband amplifiers up to 2 GHz at collector currents from 10 mA to 30 mA.)
BFQ75 SIEMENS-BFQ75 Datasheet
32Kb / 3P
PNP Silicon RF Transistor (For broadband amplifiers up to 2 GHz at collector currents from 5 mA to 30 mA.)
BFQ76 SIEMENS-BFQ76 Datasheet
38Kb / 4P
PNP Silicon RF Transistor (For broadband amplifiers up to 2 GHz at collector currents up to 20 mA.)
BFR181 SIEMENS-BFR181 Datasheet
57Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 0.5 mA to 12mA)
BFR181W SIEMENS-BFR181W Datasheet
56Kb / 7P
NPN Silicon RF Transistor )For low noise, high-gain broadband amplifiers at collector currents from 0.5 mA to 12mA)
BFR93P SIEMENS-BFR93P Datasheet
197Kb / 9P
NPN Silicon RF Transistor (For low-distortion broadband amplifiers up to 1 GHz at collector currents from 2 mA to 30 mA.)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com