Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR10150 Datasheet (PDF) - Rugao Dachang Electronics Co., Ltd

MBR10150 Datasheet PDF - Rugao Dachang Electronics Co., Ltd
Part # MBR10150
Download  MBR10150 Download
File Size   151.78 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10 A

MBR10150 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR10150 Datasheet PDF - Rugao Dachang Electronics Co., Ltd

Part # MBR10150
Download  MBR10150 Click to download

File Size   151.78 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10 A

MBR10150 Datasheet (HTML) - Rugao Dachang Electronics Co., Ltd


MBR10150 Product details

Reverse Voltage 40 to 200 V
Forward Current 10 A

Features
• Low Power Loss,High Efficiency
• Low Forward Voltage Drop
• High Current Capability
• Lead and body according with RoHS standard




Similar Part No. - MBR10150

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR10150 MCC-MBR10150 Datasheet
650Kb / 3P
10 Amp High Voltage 150Volts Barrier Rectifier Power Schottky
logo
Taiwan Semiconductor Co...
MBR10150 TSC-MBR10150 Datasheet
264Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
logo
Sirectifier Semiconduct...
MBR10150 SIRECTIFIER-MBR10150 Datasheet
166Kb / 2P
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
logo
Pan Jit International I...
MBR10150 PANJIT-MBR10150 Datasheet
85Kb / 2P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
MBR10150 MCC-MBR10150 Datasheet
188Kb / 3P
10 Amp High Voltage Power Schottky Barrier Rectifier 150Volts
More results


Similar Description - MBR10150

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
MBR840 DACHANG-MBR840 Datasheet
151Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 8.0 A
MBR1040CT DACHANG-MBR1040CT Datasheet
134Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10A
MBR1640CT DACHANG-MBR1640CT Datasheet
134Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 16A
MBR2040CT DACHANG-MBR2040CT Datasheet
134Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 20A
MBRF840 DACHANG-MBRF840 Datasheet
151Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 8.0 A
MBRF1040 DACHANG-MBRF1040 Datasheet
151Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10 A
MBRF1040CT DACHANG-MBRF1040CT Datasheet
124Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10A
MBRF1540 DACHANG-MBRF1540 Datasheet
149Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 100 V Forward Current 15 A
MBRF1640CT DACHANG-MBRF1640CT Datasheet
124Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 16A
MBRF2040CT DACHANG-MBRF2040CT Datasheet
135Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 20A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com