Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR180 Datasheet (PDF) - Siemens Semiconductor Group

BFR180 Datasheet PDF - Siemens Semiconductor Group
Part # BFR180
Download  BFR180 Download
File Size   56.08 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description NPN Silicon RF Transistor (For low-power amplifiers in mobile communication systems pager at collector currents from 0.2mA to 2.5mA)

BFR180 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFR180 Datasheet PDF - Siemens Semiconductor Group

Part # BFR180
Download  BFR180 Click to download

File Size   56.08 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description NPN Silicon RF Transistor (For low-power amplifiers in mobile communication systems pager at collector currents from 0.2mA to 2.5mA)

BFR180 Datasheet (HTML) - Siemens Semiconductor Group


BFR180 Product details

NPN Silicon RF Transistor

• For low-power amplifiers in mobile
    communication systems (pager) at collector
    currents from 0.2mA to 2.5mA
• fT = 7GHz
    F = 2.1dB at 900MHz




Similar Part No. - BFR180

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFR180 INFINEON-BFR180 Datasheet
79Kb / 7P
NPN Silicon RF Transistor
Jun-27-2001
logo
Siemens Semiconductor G...
BFR180W SIEMENS-BFR180W Datasheet
56Kb / 7P
NPN Silicon RF Transistor (For low-power amplifiers in mobile communication systems pager at collector currents from 0.2mA to 2.5mA)
logo
Infineon Technologies A...
BFR180W INFINEON-BFR180W Datasheet
79Kb / 7P
NPN Silicon RF Transistor
Jun-13-2001
More results


Similar Description - BFR180

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFP180 SIEMENS-BFP180 Datasheet
76Kb / 8P
NPN Silicon RF Transistor (For low-power amplifiers in mobile communication systems pager at collector currents from 0.2 to 2.5mA)
BFP180W SIEMENS-BFP180W Datasheet
59Kb / 7P
NPN Silicon RF Transistor (For low-power amplifiers in mobile communication systems pager at collector currents from 0.2 to 2.5mA)
BFP280 SIEMENS-BFP280 Datasheet
59Kb / 7P
NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
BFP280W SIEMENS-BFP280W Datasheet
59Kb / 7P
NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
BFR180W SIEMENS-BFR180W Datasheet
56Kb / 7P
NPN Silicon RF Transistor (For low-power amplifiers in mobile communication systems pager at collector currents from 0.2mA to 2.5mA)
BFR280 SIEMENS-BFR280 Datasheet
56Kb / 7P
NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
BFR280W SIEMENS-BFR280W Datasheet
56Kb / 7P
NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems
BFS17S SIEMENS-BFS17S Datasheet
55Kb / 5P
NPN Silicon RF Transistor (For broadband amplifiers up to 1GHz at collector currents from 1mA to 20mA)
BFS17W SIEMENS-BFS17W Datasheet
34Kb / 5P
NPN Silicon RF Transistor (For broadband amplifiers up to 1GHz at collector currents from 1mA to 20mA)
BFS480 SIEMENS-BFS480 Datasheet
52Kb / 6P
NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com