Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR183W Datasheet (PDF) - Siemens Semiconductor Group

BFR183W Datasheet PDF - Siemens Semiconductor Group
Part # BFR183W
Download  BFR183W Download
File Size   56.33 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector current from 2 mA to 30mA)

BFR183W Datasheet (PDF)

Go To PDF Page Download Datasheet
BFR183W Datasheet PDF - Siemens Semiconductor Group

Part # BFR183W
Download  BFR183W Click to download

File Size   56.33 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector current from 2 mA to 30mA)

BFR183W Datasheet (HTML) - Siemens Semiconductor Group


BFR183W Product details

NPN Silicon RF Transistor

• For low-noise, high-gain broadband amplifiers at collector currents from 2 mA to 30 mA
• fT = 8 GHz
   F = 1.2 dB at 900 MHz




Similar Part No. - BFR183W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFR183W INFINEON-BFR183W Datasheet
79Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFR183W INFINEON-BFR183W Datasheet
140Kb / 7P
NPN Silicon RF Transistor
2007-03-30
BFR183W INFINEON-BFR183W Datasheet
672Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2014-04-03
logo
Inchange Semiconductor ...
BFR183W ISC-BFR183W Datasheet
287Kb / 2P
isc Silicon NPN RF Transistor
logo
Infineon Technologies A...
BFR183W INFINEON-BFR183W_07 Datasheet
140Kb / 7P
NPN Silicon RF Transistor
2007-03-30
More results


Similar Description - BFR183W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFP181R SIEMENS-BFP181R Datasheet
58Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 0.5mA to 12mA)
BFP182R SIEMENS-BFP182R Datasheet
58Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
BFP183 SIEMENS-BFP183 Datasheet
60Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 30 mA)
BFP183R SIEMENS-BFP183R Datasheet
58Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 28 mA)
BFP183W SIEMENS-BFP183W Datasheet
59Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 30 mA)
BFR181 SIEMENS-BFR181 Datasheet
57Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 0.5 mA to 12mA)
BFR181W SIEMENS-BFR181W Datasheet
56Kb / 7P
NPN Silicon RF Transistor )For low noise, high-gain broadband amplifiers at collector currents from 0.5 mA to 12mA)
BFR182W SIEMENS-BFR182W Datasheet
55Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
BFR183 SIEMENS-BFR183 Datasheet
56Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector current from 2 mA to 30mA)
BFR93A SIEMENS-BFR93A Datasheet
57Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector current from 2mA to 30mA)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com