Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM3Z51 Datasheet (PDF) - Shenzhen Jin Yu Semiconductor Co., Ltd.

MM3Z51 Datasheet PDF - Shenzhen Jin Yu Semiconductor Co., Ltd.
Part # MM3Z51
Download  MM3Z51 Download
File Size   632.47 Kbytes
Page   4 Pages
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.
Description Silicon Planar Zener Diodes

MM3Z51 Datasheet (PDF)

Go To PDF Page Download Datasheet
MM3Z51 Datasheet PDF - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # MM3Z51
Download  MM3Z51 Click to download

File Size   632.47 Kbytes
Page   4 Pages
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.
Description Silicon Planar Zener Diodes

MM3Z51 Datasheet (HTML) - Shenzhen Jin Yu Semiconductor Co., Ltd.


MM3Z51 Product details

Silicon Planar Zener Diodes



Features

• Total power dissipation : max. 300 mW

• Small plastic package suitable for surface mounted design

• Tolerance approximately ± 5%




Similar Part No. - MM3Z51

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MM3Z51 DIOTEC-MM3Z51 Datasheet
48Kb / 2P
Surface mount Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
MM3Z51 SEMTECH_ELEC-MM3Z51 Datasheet
254Kb / 4P
SILICON PLANAR ZENER DIODES
logo
SUNMATE electronic Co.,...
MM3Z51 SUNMATE-MM3Z51 Datasheet
1Mb / 2P
200mW Surface Mount Zener Diodes
logo
Microdiode Semiconducto...
MM3Z51 CHENDA-MM3Z51 Datasheet
526Kb / 5P
200mW Surface Mount Zener Diode
logo
Nanjing International G...
MM3Z51 DGNJDZ-MM3Z51 Datasheet
109Kb / 4P
Silicon Planar Zener Diodes
More results


Similar Description - MM3Z51

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Zowie Technology Corpor...
MM3Z5221BH ZOWIE-MM3Z5221BH Datasheet
190Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM1Z2V0 HTSEMI-MM1Z2V0 Datasheet
236Kb / 4P
SILICON PLANAR ZENER DIODES
MM3Z2V2B HTSEMI-MM3Z2V2B Datasheet
675Kb / 4P
Silicon Planar Zener Diodes
ZMM1 HTSEMI-ZMM1 Datasheet
1Mb / 8P
SILICON PLANAR ZENER DIODES
logo
Continental Device Indi...
BZX85C2V7 CDIL-BZX85C2V7 Datasheet
108Kb / 3P
SILICON PLANAR ZENER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com