Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT2309B Datasheet (PDF) - Integrated Device Technology

IDT2309B Datasheet PDF - Integrated Device Technology
Part # IDT2309B
Download  IDT2309B Download
File Size   273.35 Kbytes
Page   10 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3V ZERO DELAY CLOCK BUFFER

IDT2309B Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT2309B Datasheet PDF - Integrated Device Technology

Part # IDT2309B
Download  IDT2309B Click to download

File Size   273.35 Kbytes
Page   10 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3V ZERO DELAY CLOCK BUFFER

IDT2309B Datasheet (HTML) - Integrated Device Technology


IDT2309B Product details

DESCRIPTION:
The IDT2309B is a high-speed phase-lock loop (PLL) clock buffer, designed to address high-speed clock distribution applications. The zero delay is achieved by aligning the phase between the incoming clock and the output clock, operable within the range of 10 to 133MHz.

FEATURES:
• Phase-Lock Loop Clock Distribution
• 10MHz to 133MHz operating frequency
• Distributes one clock input to one bank of five and one bank of four outputs
• Separate output enable for each output bank
• Output Skew < 250ps
• Low jitter <175 ps cycle-to-cycle
• 50ps typical cycle-to-cycle jitter (15pF, 66MHz)
• IDT2309B-1 for Standard Drive
• IDT2309B-1H for High Drive
• No external RC network required
• Operates at 3.3V VDD
• Available in SOIC and TSSOP packages

APPLICATIONS:
• SDRAM
• Telecom
• Datacom
• PC Motherboards/Workstations
• Critical Path Delay Designs




Similar Part No. - IDT2309B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT2309B RENESAS-IDT2309B Datasheet
299Kb / 11P
3.3V ZERO DELAY CLOCK BUFFER
AUGUST 2012
IDT2309B-1DCG RENESAS-IDT2309B-1DCG Datasheet
299Kb / 11P
3.3V ZERO DELAY CLOCK BUFFER
AUGUST 2012
IDT2309B-1DCGI RENESAS-IDT2309B-1DCGI Datasheet
299Kb / 11P
3.3V ZERO DELAY CLOCK BUFFER
AUGUST 2012
IDT2309B-1HDCG RENESAS-IDT2309B-1HDCG Datasheet
299Kb / 11P
3.3V ZERO DELAY CLOCK BUFFER
AUGUST 2012
IDT2309B-1HDCGI RENESAS-IDT2309B-1HDCGI Datasheet
299Kb / 11P
3.3V ZERO DELAY CLOCK BUFFER
AUGUST 2012
More results


Similar Description - IDT2309B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2305 IDT-IDT2305 Datasheet
132Kb / 10P
3.3V ZERO DELAY CLOCK BUFFER
IDT2309 IDT-IDT2309 Datasheet
135Kb / 10P
3.3V ZERO DELAY CLOCK BUFFER
IDT2309A IDT-IDT2309A Datasheet
56Kb / 8P
3.3V ZERO DELAY CLOCK BUFFER
IDT2305A IDT-IDT2305A Datasheet
53Kb / 7P
3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B Datasheet
185Kb / 10P
3.3V ZERO DELAY CLOCK BUFFER
IDT2305 IDT-IDT2305_07 Datasheet
208Kb / 11P
3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B_09 Datasheet
160Kb / 10P
3.3V ZERO DELAY CLOCK BUFFER
IDT2305B_1005 IDT-IDT2305B_1005 Datasheet
181Kb / 12P
3.3V ZERO DELAY CLOCK BUFFER
2305-1HDCGI8 IDT-2305-1HDCGI8 Datasheet
145Kb / 12P
3.3V ZERO DELAY CLOCK BUFFER
2305B-1DCGI8 IDT-2305B-1DCGI8 Datasheet
155Kb / 12P
3.3V ZERO DELAY CLOCK BUFFER
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com