Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2K Datasheet (PDF) - Rugao Dachang Electronics Co., Ltd

US2K Datasheet PDF - Rugao Dachang Electronics Co., Ltd
Part # US2K
Download  US2K Download
File Size   118.34 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Surface Mounted High-efficiency Rectifier Reverse Voltage 50 --- 1000 V Forward Current 2.0 A

US2K Datasheet (PDF)

Go To PDF Page Download Datasheet
US2K Datasheet PDF - Rugao Dachang Electronics Co., Ltd

Part # US2K
Download  US2K Click to download

File Size   118.34 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Surface Mounted High-efficiency Rectifier Reverse Voltage 50 --- 1000 V Forward Current 2.0 A

US2K Datasheet (HTML) - Rugao Dachang Electronics Co., Ltd


US2K Product details

Reverse Voltage 50 --- 1000 V

Forward Current 2.0 A



Features

• Low reverse leakage

• High forward surge capability

• High temperature soldering guaranteed: 260℃/10 seconds at terminals

• Lead and body according with RoHS standard



 




Similar Part No. - US2K

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
US2K SSE-US2K Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
Diotec Semiconductor
US2K DIOTEC-US2K Datasheet
162Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
logo
Weitron Technology
US2K WEITRON-US2K Datasheet
118Kb / 3P
Surface Mount Ultra Fast Rectifiers
logo
Diotec Semiconductor
US2K DIOTEC-US2K Datasheet
69Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
logo
Semikron International
US2K SEMIKRON-US2K Datasheet
201Kb / 2P
Surface mount diode Ultrafast silicon rectifier diodes
More results


Similar Description - US2K

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
RL201 DACHANG-RL201 Datasheet
118Kb / 2P
General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.0 A
RL201G DACHANG-RL201G Datasheet
118Kb / 2P
General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.0 A
US1A DACHANG-US1A Datasheet
120Kb / 2P
Surface Mounted High-efficiency Rectifier Reverse Voltage 50 --- 1000 V Forward Current 1.0 A
US1AL DACHANG-US1AL Datasheet
129Kb / 2P
Surface Mounted High-efficiency Rectifier Reverse Voltage 50 --- 1000 V Forward Current 1.0 A
US3A DACHANG-US3A Datasheet
118Kb / 2P
Surface Mounted High-efficiency Rectifier Reverse Voltage 50 --- 1000 V Forward Current 3.0 A
logo
Microdiode Semiconducto...
HER302 CHENDA-HER302 Datasheet
321Kb / 2P
HIGH EFFICIENCY RECTIFIER Reverse Voltage: 50 to 1000 Volts Forward Current: 3.0Amperes
HER303 CHENDA-HER303 Datasheet
321Kb / 2P
HIGH EFFICIENCY RECTIFIER Reverse Voltage: 50 to 1000 Volts Forward Current: 3.0Amperes
HER305 CHENDA-HER305 Datasheet
321Kb / 2P
HIGH EFFICIENCY RECTIFIER Reverse Voltage: 50 to 1000 Volts Forward Current: 3.0Amperes
HER306 CHENDA-HER306 Datasheet
321Kb / 2P
HIGH EFFICIENCY RECTIFIER Reverse Voltage: 50 to 1000 Volts Forward Current: 3.0Amperes
HER308 CHENDA-HER308 Datasheet
321Kb / 2P
HIGH EFFICIENCY RECTIFIER Reverse Voltage: 50 to 1000 Volts Forward Current: 3.0Amperes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com