Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD667A Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

2SD667A Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # 2SD667A
Download  2SD667A Download
File Size   70.35 Kbytes
Page   1 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 1A , 120V NPN Plastic Encapsulated Transistor

2SD667A Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD667A Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # 2SD667A
Download  2SD667A Click to download

File Size   70.35 Kbytes
Page   1 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 1A , 120V NPN Plastic Encapsulated Transistor

2SD667A Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


2SD667A Product details

FEATURES

• Low Frequency Power Amplifier

• Complementary Pair with 2SB647A



 




Similar Part No. - 2SD667A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD667A HITACHI-2SD667A Datasheet
32Kb / 6P
Silicon NPN Epitaxial
logo
Dc Components
2SD667A DCCOM-2SD667A Datasheet
215Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
logo
Foshan Blue Rocket Elec...
2SD667A FOSHAN-2SD667A Datasheet
903Kb / 6P
Silicon NPN transistor in a TO-92LM Plastic Package
logo
SHENZHEN KOO CHIN ELECT...
2SD667A KOOCHIN-2SD667A Datasheet
279Kb / 3P
TRANSISTOR (NPN)
logo
Shenzhen Luguang Electr...
2SD667A LUGUANG-2SD667A Datasheet
791Kb / 3P
TO-92L Transistor (NPN)
Revision:20170701-P1
More results


Similar Description - 2SD667A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
NPN Plastic Encapsulated Transistor
2SA965TM SECOS-2SA965TM Datasheet
84Kb / 1P
-0.8A , -120V PNP Plastic Encapsulated Transistor
2SC2235TM SECOS-2SC2235TM Datasheet
752Kb / 2P
0.8A , 120V NPN Plastic Encapsulated Transistor
2SD1005 SECOS-2SD1005 Datasheet
78Kb / 1P
1A , 100V NPN Plastic Encapsulated Transistor
KTD1898 SECOS-KTD1898 Datasheet
77Kb / 1P
1A , 100V NPN Plastic Encapsulated Transistor
M28S SECOS-M28S Datasheet
59Kb / 1P
1A , 40V NPN Plastic Encapsulated Transistor
KSC2383L SECOS-KSC2383L Datasheet
416Kb / 2P
1A , 160V NPN Plastic Encapsulated Transistor
M28ST SECOS-M28ST Datasheet
59Kb / 1P
1A , 40V NPN Plastic Encapsulated Elektronische Bauelemente Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com